Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CODE033 Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # CODE033
Description  BCKS BINARY CODED ROTARY SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

CODE033 Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  CODE033 Datasheet HTML 1Page - Lorlin Electronics Ltd. CODE033 Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lorlin Electronics Ltd, Harwood Industrial Estate, Harwood rd, Littlehampton, W. Sussex BN17 7At England
Tel (+44) 01903 725121 Fax (+44) 01903 726808 E-mail sales@lorlin.co.uk
1
GENERAL ELECTRICAL &
MECHANICAL SPECIFICATION
STANDARD PART NUMBER
o
Made in UK
o
Binary coded Hexadecimal and
complimentary versions.
o
Panel Sealed to IP65 rating
Standard 22.5º indexing
o
Printed Circuit Terminals.
o
Adjustable stop to restrict number
of positions or continuous rotation.
|
o
Special options include UL-V0
rated material, gold flashed or
gold plated (2.5 microns gold
over 2 microns nickel) contacts,
spindles with special flats or
slots.
PANEL SEALED TO IP65 RATING
STANDARD METRIC
STANDARD IMPERIAL
Stop
No Stop
Stop
No Stop
Hex (Code 033) – Standard Spindle
BCKS1002 (no lug)
BCKS1001 (no lug)
BCKS1006 (lug)
BCKS1005 (lug)
Comp (Code 043) – Standard Spindle
BCKS1004 (no lug)
BCKS1003 (no lug)
BCKS1008 (lug)
BCKS1007 (no lug)
Hex (Code 033) – Flush Slot
-
BCKS1009 (lug)
BCKS1014 (lug)
-
Comp (Code 042) – Flush Slot
-
-
BCKS1019 (lug)
BCKS1020 (lug)
( please see drawing detail for lug reference)
Switch Rating:
150mA @ 50V ac/dc
Life:
>10,000 Cycles
Operating Temperature:
-30ºC to +85 ºC
Proof Voltage:
250Vac (Initial)
Insulation Resistance:
>999 M at 500Vdc (Initial)
Contact Resistance:
<50 m (Initial)
Operating Torque (nominal)
Standard 4.7 ± 0.5 cNm
End Stop Torque (nominal):
0.8 Nm
Moulding Material:
Polyamide 6.6 G.F.
Contact/Terminal Material:
Brass CZ108 Ag Plated
BASIC TYPES
SPINDLE
DIAMETER
SPINDLE LENGTH
FROM MOUNTING FACE
8mm LONG
BUSH
SPINDLE
FLAT
LENGTH
ANGLE OF
SPINDLE FLAT
SPINDLE FLAT
THICKNESS
IMPERIAL
6.35mm
38mm
9.52 x 32TPI
30mm
90º
5.5mm
METRIC
6.00mm
50mm
M10 x 0.75
No Flat
---
---
COMMON E Connection to
Terminals
DIAL
A
B
C
D
1
•
2
•
3
•
•
4
•
5
•
•
6
•
•
7
•
•
•
8
•
9
•
•
10
•
•
11
•
•
•
12
•
•
13
•
•
•
14
•
•
•
15
•
•
•
•
16
COMMON E Connection to
Terminals
DIAL
A
B
C
D
1
•
•
•
•
2
•
•
•
3
•
•
•
4
•
•
5
•
•
•
6
•
•
7
•
•
8
•
9
•
•
•
10
•
•
11
•
•
12
•
13
•
•
14
•
15
•
16
BCKS BINARY CODED ROTARY SWITCH
LORLIN BINARY CODED HEXADECIMAL
COMPLIMENTARY COMMON –16 POSITIONS
CODE 033
CODE 043
LORLIN BINARY CODED HEXADECIMAL
COMPLIMENTARY COMMON –16 POSITIONS
RoHS COMPLIANT
GENERAL FEATURES
COMMON E Connection to
Terminals
DIAL
A
B
C
D
1
2
•
3
•
4
•
•
5
•
6
•
•
7
•
•
8
•
•
•
9
•
10
•
•
11
•
•
12
•
•
•
13
•
•
14
•
•
•
15
•
•
•
16
•
•
•
•
LORLIN BINARY CODED HEXADECIMAL NON
COMPLIMENTARY COMMON –16 POSITIONS
CODE 042


Similar Part No. - CODE033

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CODE601D158F050GL1 VISHAY-CODE601D158F050GL1 Datasheet
148Kb / 3P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
10-Jul-08
logo
NXP Semiconductors
CODEWARRIORPRDS NXP-CODEWARRIORPRDS Datasheet
416Kb / 9P
Development Tools
REV 0
More results

Similar Description - CODE033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
ROTARY CODED SWITCHES
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
ROTARY CODED SWITCHES
logo
Lorlin Electronics Ltd.
BCKS LORLIN-BCKS Datasheet
723Kb / 2P
BCKS BINARY CODED ROTARY SWITCH IP66/IP67
GCKS LORLIN-GCKS Datasheet
699Kb / 2P
GCKS GRAY CODED ROTARY SWITCH IP66/IP67
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com