Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100 Datasheet(PDF) 2 Page - Beehive Electronics LLC

Part # 100
Description  100 Series EMC Probes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEEHIVEELECTRONICS [Beehive Electronics LLC]
Direct Link  https://beehive-electronics.com/
Logo BEEHIVEELECTRONICS - Beehive Electronics LLC

100 Datasheet(HTML) 2 Page - Beehive Electronics LLC

  100 Datasheet HTML 1Page - Beehive Electronics LLC 100 Datasheet HTML 2Page - Beehive Electronics LLC 100 Datasheet HTML 3Page - Beehive Electronics LLC 100 Datasheet HTML 4Page - Beehive Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Beehive Electronics · Tel: (707) 824-9206 · info@beehive-electronics.com
rev. 2.2
8555 Lawrence Lane, Sebastopol CA 95472
Features
• An integrated electrostatic shield in the loop probes eliminates common-mode pickup.
• Multiple loop sizes offer optimum sensitivity and spatial resolution at different frequencies.
• Probe dimensions optimized for access to tight spaces.
• Calibrated sensitivity up to 3 GHz, depending on model. Usable to beyond 6 GHz.
• Can be driven by a signal source to generate fields for electromagnetic susceptibility testing.
Applications
• Finding sources of EMC emissions problems.
• Injecting fields into circuits to identify those which are EMC-susceptible.
• Noninvasive probing of RF circuits. The probes can be used to measure the signals present on an
operational PC board.
For example, using a preamplifier, the probes can measure the
characteristics of an oscillator, such as frequency, sidebands, and phase noise.
Specifications
Dimensions:
Length, excluding connector: 6.35”
Probe tip thickness: 0.11”
Table 1
Model Number
Tip Diameter (in)
Loop Diameter (in)
100C (large loop)
1.0
0.85
100A (medium loop)
0.5
0.4
100B (small loop)
0.25
0.15
100D (stub)
.08
N/A
Sensitivity:
100 A/B/C Loop Probes
The probe output power into a 50 ohm load and the magnetic flux density are related by the
following equation:
Pout = X + 20*log10(B) + 20*log10(F) , or alternatively,
20*log10(B) = Pout – X - 20*log10(F)
Where
B is the magnetic flux density, in tesla
F is the frequency of the received signal, in megahertz
Pout is the probe output power into 50 ohms, in dBm
X is a scale factor from the table below:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com