Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100 Datasheet(PDF) 3 Page - Beehive Electronics LLC

Part # 100
Description  100 Series EMC Probes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEEHIVEELECTRONICS [Beehive Electronics LLC]
Direct Link  https://beehive-electronics.com/
Logo BEEHIVEELECTRONICS - Beehive Electronics LLC

100 Datasheet(HTML) 3 Page - Beehive Electronics LLC

  100 Datasheet HTML 1Page - Beehive Electronics LLC 100 Datasheet HTML 2Page - Beehive Electronics LLC 100 Datasheet HTML 3Page - Beehive Electronics LLC 100 Datasheet HTML 4Page - Beehive Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 Beehive Electronics · Tel: (707) 824-9206 · info@beehive-electronics.com
rev. 2.2
8555 Lawrence Lane, Sebastopol CA 95472
Table 2
Model Number
X
3 dB Frequency
(MHz)
First Resonance
(MHz)
100C (large loop)
85.1
50
500
100A (medium loop)
65.2
1000
2600
100B (small loop)
42.2
3100
>6000
100D Stub Probe
The probe output power into a 50 ohm load and the electric field strength are related by the
following equation:
Pout = -113.2 + 20*log10(E) + 20*log10(F), or alternatively,
20*log10(E) = Pout + 113.2 - 20*log10(F)
Where
E is the electric field strength, in volts/meter
F is the frequency of the received signal, in Megahertz
Pout is the probe output power into 50 ohms, in dBm
Frequency Response:
100 A/B/C Loop Probes
The above equation is accurate within 3 dB from DC to the 3 dB point indicated in table 2. The
probes are usable at higher frequencies, but the sensitivity is uncalibrated. The first notch in the
frequency response of the probes occurs at the first resonance listed in the table. Figure 1 shows
the response of the probes vs. frequency.
100D Stub Probe
Stub probes tend to be less repeatable than shielded loop probes, due to the presence of common-
mode currents flowing on the outer surface of the probe or attached cable.
As signals are
measured, it is common to see a few dB of variation in output power as the user changes their
grip on the probe or the attached cable. Because of this, the sensitivity of the 100D is not
guaranteed. Typical sensitivity of the probe is shown in figure 2.
RF Connector:
SMB male, 50 ohms
Warranty
1 year warranty
30 day unconditional return policy



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com