Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4529M Datasheet(PDF) 8 Page - Qorvo, Inc

Part # ACT4529M
Description  40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4529M Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button ACT4529M Datasheet HTML 4Page - Qorvo, Inc ACT4529M Datasheet HTML 5Page - Qorvo, Inc ACT4529M Datasheet HTML 6Page - Qorvo, Inc ACT4529M Datasheet HTML 7Page - Qorvo, Inc ACT4529M Datasheet HTML 8Page - Qorvo, Inc ACT4529M Datasheet HTML 9Page - Qorvo, Inc ACT4529M Datasheet HTML 10Page - Qorvo, Inc ACT4529M Datasheet HTML 11Page - Qorvo, Inc ACT4529M Datasheet HTML 12Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet Rev. B, September 2020 | Subject to change without notice
8 of 16
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4529M
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
APPLICATIONS INFORMATION
Inductor Selection
The inductor maintains a continuous current to the out-
put load. This inductor current has a ripple that is
dependent on the inductance value.
Higher inductance reduces the peak-to-peak ripple
current. The trade-off for high inductance value is the
increase in inductor core size and series resistance, and
the reduction in current handling capability. In general,
select an inductance value L based on ripple current
requirement:
=
×
−
(1)
Where VIN is the input voltage, VOUT is the output voltage,
fSW is the switching frequency, ILOADMAX is the maximum
load current, and KRIPPLE is the ripple factor. Typically,
choose KRIPPLE = 30% to correspond to the peak-to-peak
ripple current being 30% of the maximum load current.
With a selected inductor value the peak-to-peak
inductor current is estimated as:
=
×
−
×
×
(2)
The peak inductor current is estimated as:
=
+
1
2
(3)
The selected inductor should not saturate at ILPK. The
maximum output current is calculated as:
=
−
1
2
(4)
LLIM is the internal current limit.
Input Capacitor
The input capacitor needs to be carefully selected to
maintain sufficiently low ripple at the supply input of the
converter. A low ESR capacitor is highly recommended.
Since large current flows in and out of this capacitor
during switching, its ESR also affects efficiency.
The input capacitance needs to be higher than 10 µF.
The best choice is the ceramic type. However, low ESR
tantalum or electrolytic types may also be used provided
that the RMS ripple current rating is higher than 50% of
the output current. The input capacitor should be placed
close to the IN and GND pins of the IC, with the shortest
traces possible. In the case of tantalum or electrolytic
types, a ceramic capacitor is recommended to parallel
with tantalum or electrolytic capacitor, which should be
placed right next to the IC.
Output Capacitor
The output capacitor also needs to have low ESR
to keep low output voltage ripple. The output ripple
voltage is:
=
×
+
!
" × #$% × &'()
)
(5)
Where IOUTMAX is the maximum output current, KRIPPLE
is the ripple factor, RESR is the ESR of the output
capacitor, fSW is the switching frequency, L is the
inductor value, and COUT is the output capacitance.
From the equation above, VRIPPLE is the combination of
ESR and real capacitance.
In the case of ceramic output capacitors, RESR is very
small and does not contribute to the ripple. Therefore, a
lower capacitance value can be used for ceramic type.
In the case of tantalum or electrolytic capacitors, the
ripple is dominated by RESR multiplied by the ripple
current. In that case, the output capacitor is chosen to
have sufficiently low ESR.
For ceramic output capacitor, typically choose a
capacitance of about 22 µF. For tantalum or electrolytic
capacitors, choose a capacitor with less than 50 mΩ
ESR. If an 330 uF or 470 uF electrolytic cap or tantalum
cap is used, where ripple is dominantly caused by ESR,
an 2.2 uF ceramic in parallel is recommended.
Rectifier Schottky Diode
Use a Schottky diode as the rectifier to conduct current
when the High-Side Power Switch is off. The Schottky
diode must have current rating higher than the
maximum output current and a reverse voltage rating
higher than the maximum input voltage. Furthermore,
the low forward voltage Schottky is preferable for high
efficiency and smoothly operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com