Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4529M Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT4529M
Description  40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4529M Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT4529M Datasheet HTML 1Page - Qorvo, Inc ACT4529M Datasheet HTML 2Page - Qorvo, Inc ACT4529M Datasheet HTML 3Page - Qorvo, Inc ACT4529M Datasheet HTML 4Page - Qorvo, Inc ACT4529M Datasheet HTML 5Page - Qorvo, Inc ACT4529M Datasheet HTML 6Page - Qorvo, Inc ACT4529M Datasheet HTML 7Page - Qorvo, Inc ACT4529M Datasheet HTML 8Page - Qorvo, Inc ACT4529M Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ACT4529M
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Data Sheet Rev. B, September 2020 | Subject to change without notice
1 of 16
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
FEATURES
• AEC-Q100 Automotive Qualified
• -40 °C ~ 125 °C Junction Temperature Range Auto-
motive Qualified
• Passes SAE J1752 M8A EMC testing
• Quick Charge™ 2.0 Certified by Qualcomm
® and UL.
− UL Certificate No. 4787083099-1
− https://www.qualcomm.com/documents/quick-
charge-device-list
• 40 V Input Voltage Surge
• 4.5 V - 36 V Operational Input Voltage
• 5.1 V/9.1 V/12.1 V Output with +/-1% Accuracy
• Up to 3.0 A Output current
• Constant Current Regulation Limit
• QC2.0 + Auto-Detect + USB-PD Type-C Support
• Hiccup Mode Protection at Output Short
• >90% Efficiency at Full Load
• 0.5 mA Low Standby Input Current
• 5.7 V/10.1 V/13.5 V Output Over-voltage
Protection for 5.1 V/9.1 V/12.1 V Outputs
• Cord Voltage Compensation
• Meet EN55022 Class B Radiated EMI Standard
• 8 kV ESD HBM Protection on DP and DM
• SOP-8EP Package
APPLICATIONS
• Automotive Applications
• Car Charger
• Cigarette Lighter Adaptor (CLA)
• CV/CC regulation DC/DC converter
GENERAL DESCRIPTION
ACT4529 is a wide input voltage, high efficiency step-
down DC/DC converter that operates in either CV
(Constant Output Voltage) mode or CC (Constant
Output Current) mode. This device has QC2.0 built in to
provide 5.1 V/9.1 V/12.1 V outputs as requested by
attached portable devices. Besides building in QC2.0
decoding, it also supports Apple, Samsung and BC1.2
devices to charge at full current rate. ACT4529 has an
interface for USB-PD control via a tri-state digital pin.
VOUT is 5.1 V if this pin is floating, VOUT is 9.1V when this
pin voltage is less than 0.8 V and VOUT is 12.1 V while
this pin voltage is more than 2.0 V.
ACT4529 has accurate output current limits under
constant current regulation. It provides up to 3.0 A
output current at 125 kHz switching frequency.
ACT4529 utilizes adaptive drive technique to achieve
good EMI performance while main >90% efficiency at
full load for mini size CLA designs. It also has output
short circuit protection with hiccup mode. The average
output current is reduced to below 6 mA when output is
shorted to ground. Other features include output over
voltage protection and thermal shutdown.
This device is available in a SOP-8EP package and
requires very few external components for operation.
For details on SAE J1752 M8A EMC performance and
testing, refer to Active-Semi application note AN-106,
ACT4529M Automotive EMC Performance.
Typical Application Circuit
V/I Profile


Similar Part No. - ACT4529M

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4529M ACTIVE-SEMI-ACT4529M Datasheet
2Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
ACT4529MYH-T0010 ACTIVE-SEMI-ACT4529MYH-T0010 Datasheet
2Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
ACT4529MYH-T1011 ACTIVE-SEMI-ACT4529MYH-T1011 Datasheet
2Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
More results

Similar Description - ACT4529M

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4528 ACTIVE-SEMI-ACT4528 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 1.2, December 28th, 2015
ACT4529 ACTIVE-SEMI-ACT4529 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
Rev 1, October 13th, 2015
ACT4527 ACTIVE-SEMI-ACT4527_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4528 ACTIVE-SEMI-ACT4528_16 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 2, 06-Jan-2016
ACT4529 ACTIVE-SEMI-ACT4529_17 Datasheet
1Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 4, 06-Jan-2017
EA4527YH ACTIVE-SEMI-EA4527YH Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4529M ACTIVE-SEMI-ACT4529M Datasheet
2Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
ACT4530 ACTIVE-SEMI-ACT4530 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 19-Nov-2018
ACT4530M ACTIVE-SEMI-ACT4530M Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 04-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com