Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CORTEX-R82 Datasheet(PDF) 7 Page - Arm Limited (or its affiliates).

Part # CORTEX-R82
Description  Arm Cortex-R82 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-R82 Datasheet(HTML) 7 Page - Arm Limited (or its affiliates).

Back Button CORTEX-R82 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 10Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 11Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Direct Memory Access (DMA) to all the TCMs in all cores via a TCM Slave port
implemented through AXI-S. Optional wait-states are supported.
4-way L1 instruction cache with configurable size from 16KB to 64KB in powers of
two that can cache instructions from the MM port or the LLRAM port.
4-way L1 data cache with configurable size from 16KB to 64KB in powers of
two that can cache data with Write-Through caching for LLRAM locations and
Write-Back caching for MM locations.
64-byte cache lines for both L1 instruction and L1 data caches.
A Store buffer Unit (STU) for merging and forwarding (as appropriate) stores to
TCMs (ITCM and DTCM), L1 caches, LLPP, SPP, LLRAM, and MM.
128-bit data path for loads and stores to caches and TCMs (ITCM and DTCM).
Cache maintenance operations according to Arm architecture.
RAM testing using MBIST.
Optional Error Correcting Code (ECC) protection for all functional RAMs providing
Single Error Correct Double Error Detect (SECDED) scheme if there is a need to
produce corrected data from error data or Double Error Detect (DED)
scheme otherwise.
Memory Management Unit
The Memory Management Unit (MMU) implements the Virtual Memory System Architecture
(VMSA) and is responsible for:
Controlling the translation table walk hardware that accesses translation tables in
main memory.
Translating Virtual Addresses (VAs) to Physical Addresses (PAs).
Providing fine-grained memory system control through a set of virtual-to-physical
address mappings and memory attributes that are held in translation tables.
Each stage of address translation uses a set of address translations and associated memory
properties that are held in translation tables. Translation table entries can be cached into a
Translation Lookaside Buffer (TLB).
The MMU includes the following components:
15-entry, fully associative L1 instruction TLB.
16-entry, fully associative L1 data TLB.
1024-entry L2 TLB (256 sets of 4 ways).
32-entry walk cache (8 sets of 4 ways).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com