Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CORTEX-R82 Datasheet(PDF) 1 Page - Arm Limited (or its affiliates).

Part # CORTEX-R82
Description  Arm Cortex-R82 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-R82 Datasheet(HTML) 1 Page - Arm Limited (or its affiliates).

  CORTEX-R82 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-R82 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Arm Cortex-R82 Processor Datasheet
Datasheet
Overview
The Cortex-R82 processor is the first Armv8-R 64-bit processor and enables the higher
compute performance needed for the next generation of data storage and to run new
workloads, such as machine learning (ML). It is Arm’s first Cortex-R processor to support
a trusted and robust ecosystem of rich operating systems and software components that
already exist in the Linux and cloud development ecosystem.
Features
Feature
Description
Architecture
Armv8-
R, AArch64 architecture, A64 instruction set.
Compliant with Armv8.4-A extensions.
Pipeline
Eight-stage, in-order, superscalar pipeline with direct and indirect
branch prediction.
Bus Architecture
AMBA 5 AXI and ACE protocol.
AMBA 4 AXI4-Stream protocol for interrupts.
AMBA 4 APB protocol for debug.
AMBA 4 ATB protocol for debug.
AMBA CHI protocol.
Security
Secure state operation only at all Exception levels (EL0 to EL2).
Compatible with Arm TrustZone technology.
Cache Protection
Reliability, Availability, and Serviceability (RAS) Extension.
Optional Error Correcting Code (ECC), Single Error Correct Double Error
Detect (SECDED) or Double Error Detect (DED) protection for all of the
instantiated caches, cache tag and data RAMs and the TCM RAMs.
Generic Interrupt Controller (GIC)
GIC CPU interface to connect to an external GICv3.2
interrupt distributor.
Generic Timer
Generic Timer interface supporting 64-bit count input from an external
system counter.
Floating Point
Optional Half Precision (HP), Single Precision (SP) and Double Precision
(DP) floating-point architecture support, and Advanced Single Instruction
Multiple Data (SIMD), also known as Neon technology.
L1 Cache
Separate L1 data cache and L1 instruction cache private to each core.
L2 Cache
An optional, shared (between all cores), and unified (instructions and
data) L2 cache.
Partial L2 cache power-down support.
Figure 1:
Block diagram of the Cortex-R82 processor


Similar Part No. - CORTEX-R82

ManufacturerPart #DatasheetDescription
logo
Arm Limited (or its aff...
CORTEX-M0 ARM-CORTEX-M0 Datasheet
1Mb / 7P
Arm Cortex-M0 Processor Datasheet
CORTEX-M23 ARM-CORTEX-M23 Datasheet
1Mb / 9P
Arm Cortex-M23 Processor Datasheet
CORTEX-M3 ARM-CORTEX-M3 Datasheet
4Mb / 10P
Arm Cortex-M3 Datasheet
CORTEX-M33 ARM-CORTEX-M33 Datasheet
1Mb / 13P
Arm Cortex-M33 Processor Datasheet
CORTEX-M4 ARM-CORTEX-M4 Datasheet
5Mb / 10P
Arm Cortex-M4 Datasheet
More results

Similar Description - CORTEX-R82

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3S ATMEL-ATSAM3S Datasheet
1Mb / 65P
AT91 ARM Cortex M3-based Processor
logo
Analog Devices
ADSP-CM402F AD-ADSP-CM402F Datasheet
2Mb / 84P
Mixed-Signal Control Processor with ARM Cortex-M4
Rev. PrE
logo
List of Unclassifed Man...
IB112 ETC2-IB112 Datasheet
1Mb / 1P
Freescale ARM Cortex-A8, 800MHz industrial-grade processor
logo
Renesas Technology Corp
RZ-T1 RENESAS-RZ-T1 Datasheet
1Mb / 132P
On-chip 32-bit ARM Cortex-R4F processor
EC-1 RENESAS-EC-1 Datasheet
758Kb / 58P
On-chip 32-bit ARM Cortex-R4F processor
logo
List of Unclassifed Man...
NUC131LC2AE ETC2-NUC131LC2AE Datasheet
2Mb / 77P
ARM Cortex
logo
NXP Semiconductors
SCMIMX6DQCEC NXP-SCMIMX6DQCEC Datasheet
1Mb / 30P
ARM Cortex-A9 MPCore 4xCPU processor
Rev. 0 , 02/2016
SCMIMX6DQIEC NXP-SCMIMX6DQIEC Datasheet
1Mb / 32P
ARM Cortex-A9 MPCore 4xCPU processor
Rev. 0 , 01/2017
logo
Beckhoff Automation Gmb...
CX7000 BECKHOFF-CX7000 Datasheet
121Kb / 3P
Embedded PC with ARM Cortex??M7 processor
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com