Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R81-IL2 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E3Z-R81-IL2
Description  IO-Link Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R81-IL2 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E3Z-R81-IL2 Datasheet HTML 3Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 4Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 10Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
E3Z
-@-IL@
7
I/O Circuit Diagrams
Timing
Chart
Output
circuit
*1. The operation mode can be changed by the IO-Link communications.
*2. The timer function can be set up using the IO-Link communications
for control output 1 and 2 separately. (It is able to select ON delay,
OFF delay, or one-shot function and select a timer time of 1 to 4000
ms (T).)
*3. In the IO-Link mode, if the ON/OFF speed of the sensor is slow, high-
speed response of 1 ms or less can be realized using control output
2 as a sensor.
*4. The judgment time for the instability detection diagnosis can be
selected using the IO-Link communications. (For the ON delay timer
function to detect instability, the setting can be selected from 0
(invalid), 10, 50, 100, 300, 500, or 1000 ms.
*5. The judgment condition for the light receiving/non-light receiving
instability detection function can be selected using the IO-Link
communications. (Setting of light receiving instability detection
threshold: 500%/400%/300%/200%/140%, setting of non-light
receiving instability detection threshold: 70%/50%)
ON-delay
OFF-delay
One shot
Present
Not
present
1
0
1
0
T
T
Sensing
object
L ON
D ON
ON
OFF
ON
OFF
T
T
Present
Not
present
1
0
1
0
Sensing
object
L ON
D ON
ON
OFF
ON
OFF
T
T
Present
Not
present
1
0
1
0
Sensing
object
L ON
D ON
ON
OFF
ON
OFF
L ON
Opera-
tion
mode
*1
Output
mode
D ON
L ON
Standard
I/O
mode
(SIO
mode)
IO-Link
mode
D ON
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
Stability indicator
(green) *5
Operation indicator
(orange)
Control output 1 *2
Control output 2 *2
Control output 1 *2
Control output 2 *2
Stability indicator
(green) *5
Operation indicator
(orange)
Flashing
(1 s cycle)
ON
OFF
1
0
ON
OFF
1
0
1
0
Flashing
(1 s cycle)
ON
OFF
1
0
ON
OFF
Communication
indicator (green)
Operation indicator
(orange)
Control output 1
(Byte1_bit0) *2
Control output 2
*2 *3
Instability detection
(Light receiving)
(Byte1_bit4) *4*5
Instability detection
(Non-light receiving)
(Byte1_bit3)*4*5
Communication
display lamp (green)
Operation display
lamp (orange)
Control output 1
(Byte1_bit0) *2
Control output 2
*2 *3
Instability detection
(Light receiving)
(Byte1_bit4) *4*5
Instability detection
(Non-light receiving)
(Byte1_bit3)*4*5
0
1
0
1
Unstable
operation
zone
Stable
operation
zone
Stable
operation
zone
Note: Please contact your OMRON sales representative regarding
assignment of data.
Connector Pin Arrangement
1
2
4
3
Pre-wired M12 connector
E3Z-
@81-M1TJ-IL@
E3Z-
@82-M1TJ-IL@
E3Z-T81-D-M1TJ-IL
@
Standard M8 connector
E3Z-
@86-IL@
E3Z-
@87-IL@
E3Z-T86-D-IL
@
2
4
1
3
L+
DO
C/Q
L-
Brown
Black
White
Blue
Photoelectric
Sensor
10 to 30VDC
0V
Load
Load
1
4
2
3
L+
DO
C/Q
L-
L+
DI
C/Q
L-
Brown
Black
White
Blue
Photoelectric
Sensor
1
4
2
3
IO-Link
master
When using the Sensor connected
to IO-Link Master Unit
When using as a general
sensor
Reflective / Receiver of Through-beam Model
E3Z-
@8@-IL@
Connector Pin Arrangement
1
2
4
3
E3Z-T81-L-M1TJ-IL
E3Z-T86-L-IL
2
4
1
3
Note: Pins 2 is not used.
Note: Pins 2 is not used.
Emitter of Through-beam Model
E3Z-T8
@-L-IL@
L+
C/Q
L-
Photoelectric
Sensor
10 to 30VDC
0V
1
4
3
L+
C/Q
L-
L+
C/Q
L-
Brown
Black
Blue
Brown
Black
Blue
Photoelectric
Sensor
1
4
3
IO-Link
master
When using the Sensor connected
to IO-Link Master Unit
When using as a general
sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com