Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R81-IL2 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E3Z-R81-IL2
Description  IO-Link Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R81-IL2 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E3Z-R81-IL2 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 10Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 11Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 12Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 13Page - Omron Electronics LLC E3Z-R81-IL2 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
E3Z
-@-IL@
12
Accessories (Order Separately)
Reflectors
Refer to E39-R on your OMRON website for details.
Sensor I/O Connectors
Refer to XS3 or XS5 on your OMRON website for details.
Slits
E39-S65A
E39-S65B
E39-S65C
A
32.2
32.2
20.2
20.2
0.2-mm-thick
10.4
10.4
12.7
Model
Size A
Material
E39-S65A
0.5 dia.
SUS301
stainless
steel
E39-S65B
1.0 dia.
E39-S65C
2.0 dia.
Slits
E39-S65D
E39-S65E
E39-S65F
Model
Size A
Material
E39-S65D
0.5
SUS301
stainless
steel
E39-S65E
1.0
E39-S65F
2.0
A
32.2
32.2
10
0.2-mm-thick
10.4
10.4
20.2
20.2
12.7
Mounting Bracket
E39-L44
16.2
19.5
14.1
8.7
27
27
31.2
31.2
36
36
3
3
1.8
18
23.2
26.2
20°
(Mounting dimensions)
Mounting Bracket
E39-L104
6.7
7.0
1
4.5
6
29
29
17.8
26.6
26.6
12.4
R20
14°
21.5
39
39
10°
8.8
(Mounting dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com