Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB003M09DM3 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # CAB003M09DM3
Description  900 V, 2.5 mΩ, Silicon Carbide, Half-Bridge Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAB003M09DM3 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  CAB003M09DM3 Datasheet HTML 1Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 2Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 3Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 4Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 5Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 6Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 7Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 8Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAB003M09DM3
2
Rev. 2, June 2024
© 2024 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
MOSFET Characteristics (Per Position) (TVJ = 25˚C unless otherwise specified)
Parameter
Symbol Min. Typ. Max. Unit
Test Conditions
Note
Drain-Source Breakdown Voltage
V(BR)DSS
900
V
VGS= 0 V, TVJ = -40 °C
Gate Threshold Voltage
VGS(th)
1.8
2.1
3.5
VDS = VGS, ID = 130 mA
1.6
VDS = VGS, ID = 130 mA, TVJ = 175 °C
Zero Gate Voltage Drain Current
IDSS
4
400
μA
VGS = 0 V, VDS = 900 V
Gate-Source Leakage Current
IGSS
0.04
1.0
VGS = 15 V, VDS = 0 V
Drain-Source On-State Resistance
(Devices Only)
RDS(on)
2.5
3.25
mΩ
VGS = 15 V, ID = 400 A
Fig. 2
Fig. 3
4.3
VGS = 15 V, ID = 400 A, TVJ = 175 °C
Transconductance
g
fs
316
S
VDS= 20 V, ID= 400 A
Fig. 4
284
VDS= 20 V, ID= 400 A, TVJ = 175 °C
Turn-On Switching Energy, TVJ = 25 °C
TVJ = 125 °C
TVJ = 175 °C
Eon
6.5
6.2
6.5
mJ
VDS = 400 V
ID = 400 A
VGS = -4 V / 15 V
RG(ON)= 6.8 Ω
RG(OFF)= 4.0 Ω
L= 13.6 μH
Fig. 11
Fig. 13
Turn-Off Switching Energy, TVJ = 25 °C
TVJ = 125 °C
TVJ = 175 °C
Eoff
7.2
6.9
7.1
Internal Gate Resistance
RG(int)
0.5
Ω
f = 100 kHz
Input Capacitance
Ciss
20.4
nF
VGS = 0 V, VDS = 900 V
VAC = 25 mV, f = 100 kHz
Fig. 9
Output Capacitance
Coss
1.49
Reverse Transfer Capacitance
Crss
78
pF
Gate to Source Charge
QGS
208
nC
VDS = 600 V, VGS = -4 V / 15 V
ID = 400 A
Per IEC60747-8-4 pg 21
Gate to Drain Charge
QGD
280
Total Gate Charge
QG
840
FET Thermal Resistance, Junction to Case
RthJC
0.129
°C/W
Fig. 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com