Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB003M09DM3 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # CAB003M09DM3
Description  900 V, 2.5 mΩ, Silicon Carbide, Half-Bridge Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAB003M09DM3 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button CAB003M09DM3 Datasheet HTML 3Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 4Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 5Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 6Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 7Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 8Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 9Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 10Page - WOLFSPEED, INC. CAB003M09DM3 Datasheet HTML 11Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAB003M09DM3
7
Rev. 2, June 2024
© 2024 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
Figure 20. Continuous Drain Current Derating vs.
Case Temperature
Typical Performance
Figure 21. Maximum Power Dissipation Derating vs.
Case Temperature
Figure 22. Typical Output Current Capability vs. Switching
Frequency (Inverter Application)
0
200
400
600
800
1000
1200
1400
1600
1800
-50
-25
0
25
50
75
100
125
150
Case Temperature, TC (°C)
Conditions:
TVJ ≤ 175 °C
0
100
200
300
400
500
600
700
-50
-25
0
25
50
75
100
125
150
Case Temperature, TC (°C)
Conditions:
TVJ ≤ 175 °C
0
100
200
300
400
500
600
0
10
20
30
40
50
60
70
80
90
Switching Frequency, FS (kHz)
VDD = 800 V
TC = 90 °C
TVJ = 175 °C
MF = 1
RG(ON) = 6.8 Ω
RG(OFF) = 4.0 Ω
Figure 19. Reverse-Bias Safe Operating Area (RBSOA)
0
100
200
300
400
500
600
700
800
0
200
400
600
800
Operating Voltage, VDD (V)
Chip
Module - Turn-Off (4.0 Ω)
Module - Turn-On (6.8 Ω)
Conditions:
TVJ = 175 °C
LStray-Bussing = 6.5 nH
LStray-Module = 11.5 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com