Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM3-3300-R050A Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # CPM3-3300-R050A
Description  Wolfspeed SiC Gen3 MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CPM3-3300-R050A Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  CPM3-3300-R050A Datasheet HTML 1Page - WOLFSPEED, INC. CPM3-3300-R050A Datasheet HTML 2Page - WOLFSPEED, INC. CPM3-3300-R050A Datasheet HTML 3Page - WOLFSPEED, INC. CPM3-3300-R050A Datasheet HTML 4Page - WOLFSPEED, INC. CPM3-3300-R050A Datasheet HTML 5Page - WOLFSPEED, INC. CPM3-3300-R050A Datasheet HTML 6Page - WOLFSPEED, INC. CPM3-3300-R050A Datasheet HTML 7Page - WOLFSPEED, INC. CPM3-3300-R050A Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CPM3-3300-R050A
5
Rev. 02, 09-2024
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
© 2024 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
PATENT: https://www.wolfspeed.com/legal/patents
The information in this document is subject to change without notice.
Typical Performance
Figure 13.
3rd Quadrant Charactersitics at TVJ = -55 °C
Figure 14.
3rd Quadrant Charactersitics at TVJ = 25 °C
Figure 15.
3rd Quadrant Charactersitics at TVJ = 175 °C
Figure 16.
Output Capacitor Stored Energy
Figure 17.
Capacitances vs. Drain-Source Voltage (0 - 200 V)
Figure 18.
Capacitances vs. Drain-Source Voltage (0 - 3000 V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com