Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM3-3300-R050A Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # CPM3-3300-R050A
Description  Wolfspeed SiC Gen3 MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CPM3-3300-R050A Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  CPM3-3300-R050A Datasheet HTML 1Page - WOLFSPEED, INC. CPM3-3300-R050A Datasheet HTML 2Page - WOLFSPEED, INC. CPM3-3300-R050A Datasheet HTML 3Page - WOLFSPEED, INC. CPM3-3300-R050A Datasheet HTML 4Page - WOLFSPEED, INC. CPM3-3300-R050A Datasheet HTML 5Page - WOLFSPEED, INC. CPM3-3300-R050A Datasheet HTML 6Page - WOLFSPEED, INC. CPM3-3300-R050A Datasheet HTML 7Page - WOLFSPEED, INC. CPM3-3300-R050A Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 02, 09-2024
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
© 2024 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
PATENT: https://www.wolfspeed.com/legal/patents
The information in this document is subject to change without notice.
CPM3-3300-R050A
Wolfspeed SiC Gen3 MOSFET
Description
This is Wolfspeed’s 3rd generation high-performance silicon carbide
MOSFET in a package-less bare die format to be implemented into any
custom module design.
Absolute Maximum Ratings
Stress beyond those listed under absolute maximum ratings may damage the device.
Parameter
Symbol
Rating
Unit
Drain-Source Voltage, across TVJ
VDS(max)
3300
V
Maximum Gate-Source Voltage, Peak Transient Capability
VGS(max)
-10/+20
V
Continuous Drain Current, VGS = 15 V, assumes die packaged with
typical Rth(j-c) = 0.41 K/W
IDS
Tc = 25 °C
52
A
Tc = 100 °C
36
Pulsed Drain Current, tp limited by TVJ(max)
IDS(pulse)
104
A
Virtual Junction and Storage Temperature
TVJ, Tstg
-55 to +175
°C
Maximum Processing Temperature, in non-reactive ambient
Tproc
325
°C
Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Recommended Operating Gate-Source Voltage
VGS(op)
-5/+15
V
Features
Typical Applications
Enhanced 3rd Generation SiC MOSFET
High blocking voltage with low on-resistance
Easy to parallel and simple to drive
Temperature-independent high-speed switching
Integrated lumped gate resistance
Medium-voltage motor drives
Renewable energy
Smart grid/grid-tie power generation
Pulsed-power applications
Rail traction
Package Type: Bare Die
PN: CPM3-3300-R050A


Similar Part No. - CPM3-3300-R050A

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CPM3-1200-0013A WOLFSPEED-CPM3-1200-0013A Datasheet
484Kb / 7P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 2, 02-2020
CPM3-1200-0016A WOLFSPEED-CPM3-1200-0016A Datasheet
566Kb / 8P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 2, 01-2021
CPM3-1200-0021A WOLFSPEED-CPM3-1200-0021A Datasheet
471Kb / 7P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 1 01-2020
CPM3-1200-0032A WOLFSPEED-CPM3-1200-0032A Datasheet
1Mb / 7P
Wolfspeed SiC Gen 3 MOSFET
Rev. 03, July 2024
CPM3-1200-0075A WOLFSPEED-CPM3-1200-0075A Datasheet
420Kb / 7P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 2, 03-2020
More results

Similar Description - CPM3-3300-R050A

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK45MLET12SCP SEMIKRON-SK45MLET12SCP Datasheet
275Kb / 4P
SiC Power MOSFET and SiC Schottky
logo
WOLFSPEED, INC.
CPM3-1200-0160A WOLFSPEED-CPM3-1200-0160A Datasheet
580Kb / 8P
Wolfspeed SiC Gen 3 MOSFET
Rev. 01, 07-2022
logo
BASIC SEMICONDUCTOR
B2M035120YP BASICSEMI-B2M035120YP Datasheet
1Mb / 13P
SiC MOSFET
Rev. 0.0
B2M040120H BASICSEMI-B2M040120H Datasheet
1Mb / 13P
SiC MOSFET
Rev. 0.1
B2M065120H BASICSEMI-B2M065120H Datasheet
2Mb / 13P
SiC MOSFET
Rev. 0.0
B2M065120R BASICSEMI-B2M065120R Datasheet
2Mb / 13P
SiC MOSFET
Rev. 0.0
B2M065120Z BASICSEMI-B2M065120Z Datasheet
2Mb / 13P
SiC MOSFET
Rev. 0.0
B2M040120R BASICSEMI-B2M040120R Datasheet
2Mb / 14P
SiC MOSFET
Rev. 0.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com