Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD20321 Datasheet(PDF) 2 Page - 3M Electronics

Part # MD20321
Description  Machine Deals Brochure
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

MD20321 Datasheet(HTML) 2 Page - 3M Electronics

  MD20321 Datasheet HTML 1Page - 3M Electronics MD20321 Datasheet HTML 2Page - 3M Electronics MD20321 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M™ Roloc™ Machine Deal
3M Roloc Disc Sander Machine Deal 50mm:
RSP £350
• 3M 25124 - 20,000 rpm 0.5 HP disc sander, adjustable rear exhaust
• 200 3M™ 777F coated abrasive discs - any grade (50mm)
• 200 Scotch-Brite™ Surface Conditioning Discs - any grade (50mm)
• 3M Roloc Rubber Back Up Pad (hard) (50mm)
To order quote part number MD25124 and disc part number
3M Roloc Disc Sander Machine Deal 75mm:
RSP £385
• 3M 25125 - 15,000 rpm 1.0 HP disc sander, adjustable rear exhaust
• 200 3M™ 777F coated abrasive discs - any grade (75mm)
• 100 Scotch-Brite™ Surface Conditioning Discs - any grade (75mm)
• 3M Roloc Rubber Back Up Pad (hard) (75mm)
To order quote part number MD25125 and disc part number
Benefits
• Small diameter disc confines grinding area to a minimum, for efficient production
and control
• Machines feature a powerful, high torque air motor
• 3M Rubber Back Up Pad provides flexibility for blending
SAVE UP TO £130 4
SAVE UP TO £120 4
PRODUCT
DESCRIPTION
GRADES
3M 777F Cloth Discs
A high performance cloth disc with 3M™ Cubitron™ Mineral
incorporating a grinding aid, aimed to reduce heat build-up
on stainless steel. Disc suitable for use on all metals.
P36, P50, P60, P80
Scotch-Brite Surface Conditioning Discs
A tough non-woven Scotch-Brite disc designed for
cleaning, deburring, blending and finishing. Ideal for
removing milling marks, light scratches and imperfections
from metal surfaces and blending in welds. Super Duty can
be used to remove small TIG weld. Also for use following a
coated abrasive disc.
SC DR - AVFN, AMED, ACRS, Heavy Duty and
Super Duty
3M™ Green Corps™ Cut Off Wheels Machine Deal
3M Cut Off Wheel Machine Deal: RSP £325
• 3M 20234 - 100mm cut off wheel tool
• 1 HP, 20,000 rpm, adjustable rear exhaust
• 100 x 3M Green Corps Cut Off Wheels (1.6mm or 0.8mm)
Benefits
• Accurate, clean cut with minimal product wear
• Easy to use and operator friendly
• Long performance life due to high 3M Cubitron™ Mineral content
• High speed cutting action with improved finish
SAVE UP TO £95 4
PRODUCT
DESCRIPTION
SIZE
PART NUMBER
3M Green Corps Cut-Off Wheels
A long-lasting cut-off wheel with 3M™ Cubitron™ Mineral for use on
all metals and GRP. The combination of high speed rating and
Cubitron Mineral content means a cool, sharp, quick cut with
minimal product wear.
100mm x 1.6mm x 9.5mm
100mm x 0.8mm x 9.5mm
03488
01994
To order quote part number MD20234 and wheel part number
3M™ Air-Powered Random Orbital Sander
Machine Deals
• 12,000 rpm 3M Air-Powered Random Orbital Sander
• The complete 3M System – the right machine, the right back-up-pad
and the right abrasives achieves outstanding results
• A perfectly balanced Hookit Back Up Pad supplied with the machine
Benefits
• Suitable for deburring, cleaning and surface and paint preparation/rectification
• Powerful lightweight ergonomic machine design
• Produces a random scratch pattern, giving a flat even finish for surface preparation
• Quick and easy to change discs reducing downtime and time-related costs
3M™ Hookit™ Machine Deals
SAVE UP TO £95 4
Option 1 - RSP £195:
Choose one of the following machines with either 3M 255P or 3M 245 Hookit Discs.
• 3M 255P: 500 discs in one grade, size and hole pattern
• 3M 245: 500 discs in one grade, size and hole pattern
SIZE
MACHINE
TYPE OF DUST EXTRACTION
MODEL NUMBER
125mm
3M Air-Powered Random Orbital Sander (5mm orbit)
Central Vac
MD20318
150mm
3M Air-Powered Random Orbital Sander (5mm orbit)
3M Air-Powered Random Orbital Sander (5mm orbit)
Central Vac
Self-Generated Vacuum
MD20461
MD20462
Option 2 - RSP £195:
Smaller orbit pattern combined with 3M 266L provides an ideal finishing system.
• 3M 266L: 200 discs, plain or 5 hole (grades available in multiples of 100 discs)
SIZE
MACHINE
TYPE OF DUST EXTRACTION
MODEL NUMBER
125mm
3M Air-Powered Random Orbital Sander (2.5mm orbit)
Central Vac
MD20321
HOOKIT DISC
DESCRIPTION
GRADES
3M 266L
A long lasting, micron graded fine finishing film disc. Incorporates a Fre-Cut Coating to reduce
loading, resulting in longer life and increased sanding productivity.
Provides superior, repeatable and consistent fine and ultra-fine finishes on primer, paint, plastics and
wood sanding surfaces.
Recommended where a quality, ultra smooth finish is important.
100 micron - 9 micron
To order quote part number MD20321 and required disc grade(s)
To find out more about 3M Air-Powered Abrasive Systems, visit www.3m.co.uk/airtools
HOOKIT DISC
DESCRIPTION
GRADES
3M 245
An E weight high performance aluminium oxide disc used for stock removal on all materials. Its open
coat construction resists loading and prevents clogging.
P40 - P120
3M 255P
C weight high performance aluminium oxide disc used for finishing of all materials.
3M 255P features a Fre-cut Anti Loading Coating to prevent clogging and excess heat.
P80 - P500
To order quote model number and required product and grade
NEW
NEW



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com