Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD20321 Datasheet(PDF) 3 Page - 3M Electronics

Part # MD20321
Description  Machine Deals Brochure
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

MD20321 Datasheet(HTML) 3 Page - 3M Electronics

  MD20321 Datasheet HTML 1Page - 3M Electronics MD20321 Datasheet HTML 2Page - 3M Electronics MD20321 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Scotch-Brite™ Deburring Station Machine Deals
Sealey EXL Deburring Machine Deal: RSP £129
• Heavy duty machine designed for intermittent use, 240 volt, 0.5 HP and 2850 rpm
• Ready to use out of the box with pre-mounted consumables
• Scotch-Brite wheels attached:-
- 1 x DB-WL 152 x 25.4mm 7SFN (light deburring & fine finishing)
- 1 x DB-WL 152 x 25.4mm 9SFN (heavier burrs)
Benefits
• Scotch-Brite EXL Deburring Wheels produce a true radiussed edge without affecting
the dimensions of the part which means less re-work, giving a better quality finish
first time
• Gives consistent results throughout its long life especially useful on large volume
production parts
SAVE UP TO £30 4
PRODUCT
DESCRIPTION
GRADES
S-B EXL Deburring Wheel DB-WL
Size 152mm x 25.4mm
Ideal for light burrs, the 7S Fine wheel is conformable and will give when pressure is applied
7SFN
S-B EXL Deburring Wheel DB-WL
Size 152mm x 25.4mm
For larger burrs, the 9S Fine wheel is harder and gives a slightly coarser finish than the 7S Fine
9SFN
To order quote BG150XD
Sealey Bristle Bench Motor
Machine Deal: RSP £129
• Heavy duty machine designed for intermittent use, 240 volt, 0.5 HP and 2850 rpm
• Ready to use out of the box with pre-mounted consumables
• Scotch-Brite wheels attached:-
- 1 x BB-ZB Radial Bristle Brush Type C P120
- 1 x X3-WL Deburring Wheel 150 x 25.4mm 9SFN
Benefits
• Suitable for light deburring applications where greater conformability is required
• Compared to wire brushes the radial bristle construction has no flying wires and
provides greater cleaning power
• The EX3 wheel has a tougher and more durable construction to handle larger burrs,
without undercutting the work piece
SAVE UP TO £30 4
3
Abrasives Systems Customer Service Group
3M United Kingdom plc
3M House
28 Great Jackson Street
Manchester M15 4PA
Tel: 0161 237 6390
Fax: 0161 237 5911
Email: abrasives.uk@mmm.com
www.3M.co.uk/abrasives
Abrasives Systems Customer Service Group
3M Ireland Limited
The Iveagh Building
The Park
Carrickmines
Dublin 18
Tel: 01 280 3555
Fax: 01 280 3849
PRODUCT
DESCRIPTION
GRADES
S-B Radial Bristle Brush
BB-ZB - Type C
Ideal for cleaning, finishing and light deburring in metal fabrication applications.
Extremely comfortable, ideal for irregular surfaces.
P120
S-B EX3 Deburring Wheel X3-WL
Size 150mm x 12mm x 25.4mm
The latest deburring wheel from 3M, offering considerably longer life and improved performance over the
standard. An excellent product for customers who are accurately measuring the value of the products used.
9SFN
To order quote BM2
Please recycle. Printed in the United Kingdom.
© 3M 2009. All rights reserved.
ASD 08/24



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com