Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LSGF Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # F39-LSGF
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGF Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button F39-LSGF Datasheet HTML 9Page - Omron Electronics LLC F39-LSGF Datasheet HTML 10Page - Omron Electronics LLC F39-LSGF Datasheet HTML 11Page - Omron Electronics LLC F39-LSGF Datasheet HTML 12Page - Omron Electronics LLC F39-LSGF Datasheet HTML 13Page - Omron Electronics LLC F39-LSGF Datasheet HTML 14Page - Omron Electronics LLC F39-LSGF Datasheet HTML 15Page - Omron Electronics LLC F39-LSGF Datasheet HTML 16Page - Omron Electronics LLC F39-LSGF Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
F3SG-SR/PG
13
Configuration Tool SD Manager 3 and Intelligent Tap
Configuration tool SD Manager 3
Intelligent Tap *
Note: Please contact your OMRON sales representative regarding the IO-Link setup file (IODD file).
* Use the F39-SGBT Bluetooth® Communication Unit or a commercially available USB Type-CTM cable to connect to a PC.
Intelligent Tap-to-IO-Link Master Cable
* When the accessory is used, protect it from cutting oil.
Note: Use the F39-JGA-D Extended Socket-Straight Cable or F39-JGB-D Extended Plug-Socket Cable for safety output (OSSD).
Type
Specifications
SD Manager 3
Configuration tool running on a PC.
Use with the Intelligent Tap. (The Bluetooth® communication unit is required to connect using Bluetooth®.)
For details, refer to your local Omron website.
SD Manager 3 Mobile APP
Monitoring tool running on a smartphone.
Use with the Intelligent Tap and Bluetooth® communication unit.
For details, refer to your local Omron website.
Appearance
Specifications
Type
Model
Used to configure the F3SG-SR/PG and connect
external devices via IO-Link. The F3SG-SR/PG
can be configured on a PC or with the DIP switch
on the Intelligent Tap.
IP67 and IP67G (JIS C 0920 Annex 1) rated when
mated.
Intelligent Tap
F39-SGIT-IL3
Mounted to the Intelligent Tap to connect with the
SD Manager 3 via Bluetooth®.
IP67 and IP67G (JIS C 0920 Annex 1) rated when
mated.
* For the regions where the Bluetooth®
Communication Unit can be used, refer to
Legislation and Standards on page 140.
Bluetooth® Communication Unit
F39-SGBT
Bracket to mount the Intelligent Tap on a DIN
track.
Intelligent Tap Bracket For DIN in Panel
F39-LITF1
Omron IO-Link
master unit
Type
Specifications
Cable length
Model
NX-ILM400
Single-ended cable
M12 connector (5-pin), 5 wires
Color: Gray
2 m
XS5F-D521-DJ0-IL
GX-ILM08C
Double-ended cable
M12 connector (5-pin), 5 wires
Color: Gray
3 m
F39-JG3B-L
10 m
F39-JG10B-L
20 m
F39-JG20B-L
5
3
2
1
4
1
2
3
4
5
L+
DO
L-
C/Q
Not used
Brown
White
Blue
Black
Yellow
Female
IP67
* rated when mated.
1
3
2
4
5
5
3
2
1
4
1
3
2
4
5
5
4
1
2
3
Female
IP67
* rated when mated.
Male
Brown
Black
Blue
White
Yellow
Brown
Black
Blue
White
Yellow
F39-JGR3K-L (Gray)
F39-JG
@B-L (Gray)
F39-JGR3K-D (Black)
Extended
Plug-Socket Cable
Root-Plug Cable for Extended
F39-JG
@B-D (Black)
CN4
CN1
CN3
CN2
Intelligent Tap
F39-SGIT
-IL3
XS5F-D521-DJ0-IL (Gray)/
F39-JG
@B-L (Gray)
F39-JG
@A-D (Black)/
F39-JG
@B-D (Black)
IO-Link Master
OSSD
Emitter
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com