Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LSGF Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # F39-LSGF
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGF Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button F39-LSGF Datasheet HTML 17Page - Omron Electronics LLC F39-LSGF Datasheet HTML 18Page - Omron Electronics LLC F39-LSGF Datasheet HTML 19Page - Omron Electronics LLC F39-LSGF Datasheet HTML 20Page - Omron Electronics LLC F39-LSGF Datasheet HTML 21Page - Omron Electronics LLC F39-LSGF Datasheet HTML 22Page - Omron Electronics LLC F39-LSGF Datasheet HTML 23Page - Omron Electronics LLC F39-LSGF Datasheet HTML 24Page - Omron Electronics LLC F39-LSGF Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
F3SG-SR/PG
21
Ratings and Specifications
Safety Light Curtain/Safety Multi-Light Beam
F3SG-SR/PG Main Unit

in the model number indicates the protective height or product length in millimeters.
Model
Safety Light Curtain
F3SG-SRA-14
F3SG-SRB-14
F3SG-SRA-25
F3SG-SRB-25
F3SG-SRA-45
F3SG-SRB45
F3SG-SRA-85
F3SG-SRB-85
Perfor
mance
Object resolution
(Detection capability)
Opaque objects
14-mm dia.
25-mm dia.
45-mm dia.
85-mm dia.
Beam gap
10 mm
20 mm
40 mm
80 mm
Number of beams
15 to 199
8 to 124
6 to 38
4 to 12
Lens size
4.4 × 3.4 mm (W × H)
6.7 × 4.5 mm (W × H)
Protective height
160 to 2,000 mm
160 to 2,480 mm
240 to 1,520 mm
280 to 920 mm
Product length
---
Operating range
Long
0.3 to 10.0 m (Typ. 15.0 m) * 0.3 to 20.0 m (Typ. 30.0 m)
Short
0.3 to 3.0 m (Typ. 4.5 m) * 0.3 to 7.0 m (Typ.10.5 m)
* When operating at an ambient temperature of -10 to -30 °C, use the F3SG-SR with the operating range of 0.3 to 5.0 m in Long Mode
and 0.3 to 1.5 m in Short Mode.
Response time
*
1
Normal
mode
ON to
OFF
Optical synchronization:
8 to 18 ms
Wired synchronization:
10 to 21 ms
Optical synchronization:
8 to 13 ms
Wired synchronization:
10 to 17 ms
Optical synchronization: 8 ms
Wired synchronization: 10 ms
OFFto
ON
Optical synchronization:
40 to 90 ms
Wired synchronization:
50 to 105 ms
Optical synchronization:
40 to 65 ms
Wired synchronization:
50 to 85 ms
Optical synchronization: 40 ms
Wired synchronization: 50 ms
×2 Slow
mode *2
ON to
OFF
Optical synchronization:
16 to 36 ms
Wired synchronization:
20 to 42 ms
Optical synchronization:
16 to 26 ms
Wired synchronization:
20 to 34 ms
Optical synchronization: 16 ms
Wired synchronization: 20 ms
OFFto
ON
Optical synchronization:
80 to 180 ms
Wired synchronization:
100 to 210 ms
Optical synchronization:
80 to 130 ms
Wired synchronization:
100 to 170 ms
Optical synchronization: 80 ms
Wired synchronization: 100 ms
×4 Slow
mode *2
ON to
OFF
Optical synchronization:
32 to 72 ms
Wired synchronization:
40 to 84 ms
Optical synchronization:
32 to 52 ms
Wired synchronization:
40 to 68 ms
Optical synchronization: 32 ms
Wired synchronization: 40 ms
OFFto
ON
Optical synchronization:
160 to 360 ms
Wired synchronization:
200 to 420 ms
Optical synchronization:
160 to 260 ms
Wired synchronization:
200 to 340 ms
Optical synchronization: 160 ms
Wired synchronization: 200 ms
×8 Slow
mode *2
ON to
OFF
Optical synchronization:
64 to 144 ms
Wired synchronization:
80 to 168 ms
Optical synchronization:
64 to 104 ms
Wired synchronization:
80 to 136 ms
Optical synchronization: 64 ms
Wired synchronization: 80 ms
OFFto
ON
Optical synchronization:
320 to 720 ms
Wired synchronization:
400 to 840 ms
Optical synchronization:
320 to 520 ms
Wired synchronization:
400 to 680 ms
Optical synchronization: 320 ms
Wired synchronization: 400 ms
*1. Response time when used in one segment system.
Refer to page 30. Refer to the User's Manual (Man. No. Z405) for cascaded connection.
*2. Selectable by SD Manager 3.
Effective aperture angle (EAA)
(IEC 61496-2)
±2.5° max. * Emitter and receiver at operating range of 3 m or greater.
Light source
Infrared LEDs, Wavelength: 870 nm
Startup waiting time
3 s max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com