Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

521908 Datasheet(PDF) 4 Page - Hutchinson Paulstra

Part # 521908
Description  RADIAFLEX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAULSTRA [Hutchinson Paulstra]
Direct Link  https://www.paulstra-industry.com/en
Logo PAULSTRA - Hutchinson Paulstra

521908 Datasheet(HTML) 4 Page - Hutchinson Paulstra

  521908 Datasheet HTML 1Page - Hutchinson Paulstra 521908 Datasheet HTML 2Page - Hutchinson Paulstra 521908 Datasheet HTML 3Page - Hutchinson Paulstra 521908 Datasheet HTML 4Page - Hutchinson Paulstra  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
G
mm
10
16.5
25
20
20
25
35
45
14
19
28
44
44
60
70
76
37
DIABOLO MOUNTS
ASSEMBLY
See current price list for availability of items.
* Shear characteristics’ are measured under axial load.
Ø A
mm
12.5
20
40
57
57
60
80
95
M5
M6
M10
M8
M8
M10
M14
M16
0.3
1.6
3.1
5
9.5
19.5
38.5
50
3
12
30
40
75
150
300
400
1.4
2.5
5
5
5
8
9.5
9.5
0.5
3
2.5
7
12
30
55
70
1.2
5
4.5
5
6
10
9.5
8
521300
521201
521403
521571
521572
521602
521801
521951
B
mm
S
cm²
Ø C
Compression
Shear*
Ref.
M
ax
Load
daN
M
ax
Load
daN
Deflec
-tion
mm
Deflec
-tion
mm
Compression
Compression/Shear
Shear
The fixing holes for the Radiaflex mounts
should have a chamfer with a depth equal
to the pitch of the thread.
Ex. 521401 : M10 x 150 chamfer = 1.5 mm
521951 : M16 x 200 chamfer = 2 mm
Ø C
ØC
Ø A
P
F
S
P
(cm²)
S
cm²
Depth
of
thread
mm
Ø A
mm
80
60
M14
15.5
38.5
250
5
70
8
521802
B
mm
Ø C
Compression
Shear*
Ref.
M
ax
Load
daN
M
ax
Load
daN
Deflec
-tion
mm
Deflec
-tion
mm
Also available with Ø 30 locators on each end, 3 mm thick allow M14 threaded holes :



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com