Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

521908 Datasheet(PDF) 1 Page - Hutchinson Paulstra

Part # 521908
Description  RADIAFLEX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAULSTRA [Hutchinson Paulstra]
Direct Link  https://www.paulstra-industry.com/en
Logo PAULSTRA - Hutchinson Paulstra

521908 Datasheet(HTML) 1 Page - Hutchinson Paulstra

  521908 Datasheet HTML 1Page - Hutchinson Paulstra 521908 Datasheet HTML 2Page - Hutchinson Paulstra 521908 Datasheet HTML 3Page - Hutchinson Paulstra 521908 Datasheet HTML 4Page - Hutchinson Paulstra  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RADIAFLEX
• Metalwork : Mild steel, plated.
• Natural rubber, bonded, cylindrically shaped.
• Welded fixings: 5 styles (single sided threaded stud, single sided
threaded hole, double threaded stud, double threaded holes,
combination fixing).
In Europe, we often use different screw standards than our french
standard.
To better satisfy this need, Paulstra has created a new range TRadiaflex
Europe.
This range is available with the 4 usual welded fixings and with a new
fixing : the threaded hole stop.
The design of the RADIAFLEX mount gives the following basic
characteristics :
• Radial elasticity greater than axial elasticity.
• The rubber works in :
- compression (axial).
- shear (radial).
- compression/shear according to the fixing method.
Advantages :
• Simple to fix.
• Simple and economical.
• Extensive range :
- 11 stud diameters.
- Several heights for each diameter.
- 5 methods of fixing.
Recommendations :
• Operation in shear is very useful for vibration isolation provided that
the radial forces are not too great.
DESCRIPTION
CHARACTERISTICS
34


Similar Part No. - 521908

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5219 POMONA-5219 Datasheet
71Kb / 1P
Triaxial, 3 Lug Bayonet BNC Style, (F) Bulkhead Mount
logo
List of Unclassifed Man...
5219 ETC2-5219 Datasheet
457Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
logo
Keystone Electronics Co...
5219 KEYSTONE-5219 Datasheet
452Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Molex Electronics Ltd.
5219-02A MOLEX1-5219-02A Datasheet
105Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Header, Vertical, with Beveled Plastic Peg, 2 Circuits
5219-02A MOLEX11-5219-02A Datasheet
35Kb / 2P
2.36mm Diameter Standard .093" Pin and Socket Header, Vertical, with Beveled Plastic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com