Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9502 Datasheet(PDF) 4 Page - Abbatron All Rights Reserved

Part # 9502
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

9502 Datasheet(HTML) 4 Page - Abbatron All Rights Reserved

  9502 Datasheet HTML 1Page - Abbatron All Rights Reserved 9502 Datasheet HTML 2Page - Abbatron All Rights Reserved 9502 Datasheet HTML 3Page - Abbatron All Rights Reserved 9502 Datasheet HTML 4Page - Abbatron All Rights Reserved 9502 Datasheet HTML 5Page - Abbatron All Rights Reserved 9502 Datasheet HTML 6Page - Abbatron All Rights Reserved 9502 Datasheet HTML 7Page - Abbatron All Rights Reserved 9502 Datasheet HTML 8Page - Abbatron All Rights Reserved 9502 Datasheet HTML 9Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
RoHS Compliance
Restriction of Hazardous Substances
Directive 2002/95/EC
Background
As a result of environmental concerns the EU (European Union) has legislated the restriction of certain hazardous materials in all
new electrical and electronic equipment sold in member EU countries on or after July 1, 2006. Specifically, with the exception of
those items listed as exempted in the annex to Directive 2002/95/EC, the maximum concentration values by weight in homogeneous
materials are limited to:
Cadmium (Cd)
0.01%
Hexavalent Chromium (Cr+6)
0.10%
Lead (Pb)
0.10%
Mercury (Hg)
0.10%
Polybrominated Biphenyls (PBB)
0.10%
Polybrominated Diphenyl Ethers (PBDE)
0.10%
The term “homogeneous” with regards to the directive is understood as ‘of uniform composition throughout’.
Examples of ‘homogeneous materials’ are individual types of plastics, ceramics, glass, metals, alloys, paper,
boards, resins, and coatings. Homogenous material as related to the directive implies individual material that
cannot be mechanically disjointed into different materials.
The term ‘mechanically disjointed’ means that the material can be, in principle, separated by mechanical
actions such as for example unscrewing, cutting, crushing, grinding and abrasive processes.
RoHS Compliance
Abbatron is now in compliance to Directive 2002/95/EC (the RoHS directive) using parallel efforts related to internal manufacturing
methods, supply chain, and design.
Manufacturing Methods
•
As of March 1, 2005 all soldering operations at Abbatron use lead-free soldering materials.
•
As of June 30, 2005 each master file record of any raw material, component, or finished product inventoried at Abbatron was
updated to reflect one of two classifications:
•
RoHS compliant
•
Not RoHS compliant
Note: with certain limited exceptions the vast majority of Abbatron’s existing parts are and have always been RoHS compliant.
Products made with certain finishes such as tin/lead and yellow irridite, and certain phenolics which use flame-retardants are not
currently RoHS compliant. Parallel to our efforts to clearly identify any nonconforming materials in our inventory master files, we
are investigating cost-effective alternatives which will conform to RoHS requirements.
RoHS Compliance
2
HH Smith



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com