Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9502 Datasheet(PDF) 45 Page - Abbatron All Rights Reserved

Part # 9502
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

9502 Datasheet(HTML) 45 Page - Abbatron All Rights Reserved

Back Button 9502 Datasheet HTML 41Page - Abbatron All Rights Reserved 9502 Datasheet HTML 42Page - Abbatron All Rights Reserved 9502 Datasheet HTML 43Page - Abbatron All Rights Reserved 9502 Datasheet HTML 44Page - Abbatron All Rights Reserved 9502 Datasheet HTML 45Page - Abbatron All Rights Reserved 9502 Datasheet HTML 46Page - Abbatron All Rights Reserved 9502 Datasheet HTML 47Page - Abbatron All Rights Reserved 9502 Datasheet HTML 48Page - Abbatron All Rights Reserved 9502 Datasheet HTML 49Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Brass Hex Standoffs
#2-56
#4-40
#6-32
#8-32
#2-56
#4-40
#6-32
#8-32
3/16
9130
9145
3/16
9139
9154
1/4
8820
8821
8822
1/4
8838
8839
8840
3/16
9131
9146
3/16
9140
9155
1/4
8823
8824
8825
1/4
2333
2323
2328
3/16
9132
9147
3/16
9141
9156
1/4
2330
2320
2325
1/4
8841
8842
8843
3/16
9133
9148
3/16
9142
9157
1/4
8826
8827
8828
1/4
8844
8845
8846
3/16
9134
9149
3/16
9143
9158
1/4
2331
2321
2326
1/4
8847
8848
8849
3/16
9135
9150
3/16
9144
9159
1/4
8829
8830
8831
1/4
2334
2324
2329
3/16
9136
9151
1.125
1-1/8
8820R
8821R
8822R
1/4
2332
2322
2327
1.250
1-1/4
8820S
8821S
8822S
3/16
9137
9152
1.375
1-3/8
8820T
8821T
8822T
1/4
8832
8833
8834
1.500
1-1/2
8820U
8821U
8822U
3/16
9138
9153
1.625
1-5/8
8820V
8821V
8822V
1/4
8835
8836
8837
1.75
1-3/4
8820W
8821W
8822W
1.875
1-7/8
8820X
8821X
8822X
2
2
8820Y
8821Y
8822Y
0.562
9/16
1
1
0.5
0.437
7/16
1/2
0.375
3/8
.937
15/16
THREAD
THREAD
5/8
.625
0.25
1/4
.812
13/16
0.312
5/16
0.187
3/16
.750
3/4
LENGTH
O.D.
LENGTH
0.125
1/8
.687
11/16
1/4
.875
7/8
O.D.
• Standard nickel plating provides a hard, bright, non-
oxidizing surface which will stand up to difficult ambient
conditions.
• Alternative plating finishes, odd sizes, taps or threads.
43
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
Thread Size
4-40
6-32
8-32
10-32
Thread Length
Tapped Thru
Thread Length
Tap each end
1"
1/4"
7/16"
Maximum Thread Depth
7/16"
1"
1"
1"
1/2"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com