Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7417TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7417TR
Description  Car radio audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7417TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7417TR Datasheet HTML 5Page - STMicroelectronics TDA7417TR Datasheet HTML 6Page - STMicroelectronics TDA7417TR Datasheet HTML 7Page - STMicroelectronics TDA7417TR Datasheet HTML 8Page - STMicroelectronics TDA7417TR Datasheet HTML 9Page - STMicroelectronics TDA7417TR Datasheet HTML 10Page - STMicroelectronics TDA7417TR Datasheet HTML 11Page - STMicroelectronics TDA7417TR Datasheet HTML 12Page - STMicroelectronics TDA7417TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
TDA7417
Electrical specifications
9/34
3
Electrical specifications
3.1
Thermal data
3.2
Absolute maximum ratings
3.3
Electrical characteristics
Table 3.
Thermal data
Symbol
Description
Value
Unit
RThj-case
Thermal resistance junction-case
13
°C/W
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Operating supply voltage
9.5
V
Tamb
Operating ambient temperature
-40 to 85
°C
Tstg
Storage temperature range
-55 to 150
°C
VESD
ESD protection (Human Body Model)
±2000
V
VESD
ESD protection (Change Device Model)
±750
V
Table 5.
Electrical characteristics
VS = 8.5V; Tamb= 25 C; RL= 10kΩ; all gains = 0dB; f = 1kHz; unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
Vs
Supply voltage
8
8.5
9
V
Is
Supply current
25
34
45
mA
INPUT SELECTOR
Rin
Input resistance
All single ended inputs
70
100
130
k
Ω
VCL
Clipping level
THD = 1%
2
2.3
VRMS
SIN
Input separation
80
100
dB
GIN MIN
Min. input gain
-0.5
0
0.5
dB
GIN MAX
Max. input gain
14.5
15
15.5
dB
GSTEP
Step resolution
0.5
1
1.5
dB
VDC
DC steps
Adjacent gain steps
-5
1
5
mV
GMIN to GMAX
-15
4
15
mV
Voffset
Remaining offset with AutoZero
0.5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com