Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7417TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7417TR
Description  Car radio audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7417TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7417TR Datasheet HTML 19Page - STMicroelectronics TDA7417TR Datasheet HTML 20Page - STMicroelectronics TDA7417TR Datasheet HTML 21Page - STMicroelectronics TDA7417TR Datasheet HTML 22Page - STMicroelectronics TDA7417TR Datasheet HTML 23Page - STMicroelectronics TDA7417TR Datasheet HTML 24Page - STMicroelectronics TDA7417TR Datasheet HTML 25Page - STMicroelectronics TDA7417TR Datasheet HTML 26Page - STMicroelectronics TDA7417TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
TDA7417
I2C Bus specification
23/34
5
I2C Bus specification
5.1
Interface Protocol
The interface protocol comprises:
●
a start condition (S)
●
a chip address byte (the LSB determines read/write transmission)
●
a subaddress byte
●
a sequence of data (N-bytes + acknowledge)
●
a stop condition (P)
●
the max. clock speed is 500kbits/s
●
3.3V logic compatible
5.1.1
Receive Mode
S = Start
R/W = "0" -> Receive Mode (Chip can be programmed by P)
"1" -> Transmission Mode (Data could be received by P)
ACK = Acknowledge
P = Stop
TS = Testing mode
AZ = Auto zero remain
AI = Auto increment
5.1.2
Transmission Mode
SM = Soft mute activated for main channel
X = Not Used
The transmitted data is automatic updated after each ACK. Transmission can be repeated
without new chip address.
5.1.3
Reset Condition
A Power-On-Reset is invoked if the Supply-Voltage is below than 3.5V. After that the
following data is written automatically into the registers of all subaddresses:
S
1
0
0
0
1
0
0
R/W
ACK
TS
AZ
AI
A4
A3
A2
A1
A0
ACK
DATA
ACK
P
S
1
0
0
0
1
0
0
R/W
ACK
X
XXX
XXX
SM
ACK
P
Table 6.
Registers of all subaddresses
MSB
LSB
11
11
11
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com