Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3021 Datasheet(PDF) 26 Page - Abbatron All Rights Reserved

Part # 3021
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

3021 Datasheet(HTML) 26 Page - Abbatron All Rights Reserved

Back Button 3021 Datasheet HTML 22Page - Abbatron All Rights Reserved 3021 Datasheet HTML 23Page - Abbatron All Rights Reserved 3021 Datasheet HTML 24Page - Abbatron All Rights Reserved 3021 Datasheet HTML 25Page - Abbatron All Rights Reserved 3021 Datasheet HTML 26Page - Abbatron All Rights Reserved 3021 Datasheet HTML 27Page - Abbatron All Rights Reserved 3021 Datasheet HTML 28Page - Abbatron All Rights Reserved 3021 Datasheet HTML 29Page - Abbatron All Rights Reserved 3021 Datasheet HTML 30Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
24
Insulated Banana Jacks
•
Threaded bodies are machined from brass and nickel
plated.
•
Body is held to panel with nut. Wire solders to lug between
nut and panel. Hardware included.
A
B
C
D
PART
HEAD
HEAD
BODY
NO.
DIA.
HEIGHT
LENGTH
101
A
Standard
3/8
3/32
13/32
1/4-32
.161
109
B
Standard
5/16
1/8
1/2
1/4-32
.161
187
C
Giant
1/2
9/32
19/32
3/8-24
.275
157
D
Giant
5/8
1/5
7/8
1/2-20
.275
ILLUS.
TYPE
THD.
I.D.
HH Smith
Uninsulated Banana Jacks
PART
NO.
TYPE
HEAD
DIA.
HEAD
HEIGHT
BODY
LENGTH
THREAD
I.D.
INSULATING
MATERIAL
251
In-Line
7/16
15/64
29/32
1/4-32
.161
Nylon
In-line Banana Jack
• This fully insulated banana jack is designed for secure cable mount via
solder or crimp assembly.
•
The machined brass body is tin plated for maximum ease of lead-free
solderability. This banana jack is fully insulated with nylon 6/6 cap and
handle; available in red and black.
•
This design is suitable for test lead or patch cord extension where long
leads are required. Accepts standard banana plugs.
• Rating: 15 AMPS AC for 10 (degrees symbol) C continuous temperature
rise, continuous duty. Voltage 1KVAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com