Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3021 Datasheet(PDF) 35 Page - Abbatron All Rights Reserved

Part # 3021
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

3021 Datasheet(HTML) 35 Page - Abbatron All Rights Reserved

Back Button 3021 Datasheet HTML 31Page - Abbatron All Rights Reserved 3021 Datasheet HTML 32Page - Abbatron All Rights Reserved 3021 Datasheet HTML 33Page - Abbatron All Rights Reserved 3021 Datasheet HTML 34Page - Abbatron All Rights Reserved 3021 Datasheet HTML 35Page - Abbatron All Rights Reserved 3021 Datasheet HTML 36Page - Abbatron All Rights Reserved 3021 Datasheet HTML 37Page - Abbatron All Rights Reserved 3021 Datasheet HTML 38Page - Abbatron All Rights Reserved 3021 Datasheet HTML 39Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Bumpers & Chassis Feet
SCREW
RECESS RECESS
CLR. ID
DIA
DEPTH
E
A
B
C
D
2192
A
Rubber
2190
B
Rubber - Washer
2455
A
Rubber
17/32
5/32
2184
A
Rubber
5/32
9/32
9/32
1/8
2193
C
Rubber
1/8
2136
D
Rubber - Washer
3/16
2456
G
Rubber
11/64
2139
H
Rubber - Washer
5/32
2457
A
Rubber
2463
B
Rubber - Washer
2458
A
Rubber
3/32
23/32
17/32
7/32
1/4
2459
C
Rubber
2464
D
Rubber - Washer
2194
C
Rubber - Washer
3/8
9/32
3/16
2465
H
Rubber - Washer
9/16
3/8
5/16
2138
E
Rubber
2135
F
Rubber - Washer
2461
G
Rubber
2137
H
Rubber - Washer
3/16
5/8
1/8
3/16
5/16
7/32
1/8
9/32
1/4
1/4
5/16
1/4
1/4
PART
NO.
ILLUS.
MATERIALS &
ACCESSORIES
3/16
1/8
1/8
1/8
HEIGHT
1/2
5/8
11/32
1/4
15/32
O.D.
1/8
15/16
1"
3/4
3/8
1/4
5/8
13/23
3/8
1"
• Recessed bumpers with a clearance hole for attachment offers convenient protection for electrical
equipment.
• Rubber material is a Black Buna-S Synthetic Rubber (SBR), approximately 60 durometer.
• Some styles of bumpers offer molded-in steel washers for support as indicated in table.
• Alternative sizes and shapes are available in quantity from the factory.
A
H
G
F
E
D
C
B
33
www.abbatron.com
Contact our Sales Department at 1-888-847-6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com