Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6743 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6743
Description  High current MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6743 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6743 Datasheet HTML 3Page - STMicroelectronics L6743 Datasheet HTML 4Page - STMicroelectronics L6743 Datasheet HTML 5Page - STMicroelectronics L6743 Datasheet HTML 6Page - STMicroelectronics L6743 Datasheet HTML 7Page - STMicroelectronics L6743 Datasheet HTML 8Page - STMicroelectronics L6743 Datasheet HTML 9Page - STMicroelectronics L6743 Datasheet HTML 10Page - STMicroelectronics L6743 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
L6743, L6743Q
Device description and operation
7/17
5
Device description and operation
L6743, L6743Q provides high-current driving control for both High-Side and Low-Side N-
Channel MOSFETS connected as Step-Down DC-DC Converter driven by an external PWM
signal. The integrated high-current drivers allow using different types of power MOSFETs
(also multiple MOS to reduce the equivalent RdsON), maintaining fast switching transition.
The driver for the High-Side MOSFET use BOOT pin for supply and PHASE pin for return.
The driver for the Low-Side MOSFET use the VCC pin for supply and PGND pin for return.
The Driver embodies a anti-shoot-through and adaptive dead-time control to minimize Low-
Side body diode conduction time maintaining good efficiency saving the use of Schottky
diodes: when the high-side mosfet turns off, the voltage on its source begins to fall; when
the voltage reaches about 2V, the Low-Side MOSFET gate drive voltage is suddenly
applied. When the Low-Side MOSFET turns off, the voltage at LGATE pin is sensed. When
it drops below about 1V, the High-Side MOSFET gate drive voltage is suddenly applied. If
the current flowing in the inductor is negative, the source of highside mosfet will never drop.
To allow the Low-Side MOSFET to turn-on even in this case, a watchdog controller is
enabled: if the source of the High-Side MOSFET doesn't drop, the Low-Side MOSFET is
switched on so allowing the negative current of the inductor to recirculate. This mechanism
allows the system to regulate even if the current is negative.
Before VCC to overcome the UVLO threshold, L6743, L6743Q keeps firmly-OFF both High-
Side and Low-Side MOSFETS then, after the UVLO has been crossed, the EN and PWM
inputs take the control over driver’s operations. EN pin enables the driver: if low will keep all
mosfet OFF (HiZ) regardless of the status of PWM. When EN is high, the PWM input takes
the control: if left floating, the internal resistor divider sets the HiZ State: both MOSFETS are
kept in the OFF state until PWM transition.
After UVLO crossing and while in HiZ, the Preliminary-OV protection is activated: if the
voltage senses through the PHASE pin overcomes about 1.8V, the Low-Side MOSFET is
latched ON in order to protect the load from dangerous over-voltage. The Driver status is
reset from a PWM transition.
Driver power supply as well as power conversion input are flexible: 5V and 12V can be
chosen for High-Side and Low-Side MOSFET voltage drive.
Figure 4.
Timing diagram (EN = High)
thold-off
HiZ Window
PWM
HS Gate
LS Gate
HiZ Window
thold-off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com