Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6743 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6743
Description  High current MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6743 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6743 Datasheet HTML 4Page - STMicroelectronics L6743 Datasheet HTML 5Page - STMicroelectronics L6743 Datasheet HTML 6Page - STMicroelectronics L6743 Datasheet HTML 7Page - STMicroelectronics L6743 Datasheet HTML 8Page - STMicroelectronics L6743 Datasheet HTML 9Page - STMicroelectronics L6743 Datasheet HTML 10Page - STMicroelectronics L6743 Datasheet HTML 11Page - STMicroelectronics L6743 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Device description and operation
L6743, L6743Q
8/17
5.1
High-impedance (HiZ) management
The Driver is able to manage High-Impedance state by keeping all MOSFETs in off state in
two different ways.
●
If the EN signal is pulled low, the device will keep all mosfets OFF careless of the PWM
status.
●
When EN is asserted, if the PWM signal remains in the HiZ window for a time longer
than the hold-off time, the device detects the HiZ condition so turning off all the
MOSFETs. The HiZ window is defined as the PWM voltage range comprised between
VPWM_IL and VPWM_IH.
The device exits from the HiZ state only after a PWM transition to logic zero (VPWM <
VPWM_IL).
See Figure 4 for details about HiZ timings.
The implementation of the High-Impedance state allows the controller that will be connected
to the driver to manage High-Impedance state of its output, avoiding to produce negative
undershoot on the regulated voltage during the shut-down stage. Furthermore, different
power management states may be managed such as pre-bias start-up.
5.2
Preliminary OV protection
After VCC has overcome its UVLO threshold and while in HiZ, L6743, L6743Q activates the
Preliminary-OV protection.
The intent of this protection is to protect the load especially from High-Side MOSFET
failures during the system start-up. In fact, VRM, and more in general PWM controllers, have
a 12V bus compatible turn-on threshold and results to be non-operative if VCC is below that
turn-on thresholds (that results being in the range of about 10V). In case of a High-Side
mosfet failure, the controller won’t recognize the over voltage until VCC = ~10V (unless
other special features are implemented): but in that case the output voltage is already at the
same voltage (~10V) and the load (CPU in most cases) already burnt.
L6743, L6743Q by-pass the PWM controller by latching on the Low-Side MOSFET in case
the PHASE pin voltage overcome 2V during the HiZ state. When the PWM input exits form
the HiZ window, the protection is reset and the control of the output voltage is transferred to
the controller connected to the PWM input.
Since the Driver has its own UVLO threshold, a simple way to provide protection to the
output in all conditions when the device is OFF consists in supplying the controller through
the 5VSB bus: 5VSB is always present before any other voltage and, in case of High-Side
short, the Low-Side mosfet is driven with 5V assuring a reliable protection of the load.
Preliminary OV is active after UVLO and while the Driver is in HiZ state and it is disabled
after the first PWM transition. The controller will have to manage its output voltage from that
time on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com