Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS116NA Datasheet(PDF) 3 Page - NETGEAR, Inc.

Part # GS116NA
Description  5-port, 8-port and 16-port Gigabit Ethernet Unmanaged Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NETGEAR [NETGEAR, Inc.]
Direct Link  https://www.netgear.com/
Logo NETGEAR - NETGEAR, Inc.

GS116NA Datasheet(HTML) 3 Page - NETGEAR, Inc.

  GS116NA Datasheet HTML 1Page - NETGEAR, Inc. GS116NA Datasheet HTML 2Page - NETGEAR, Inc. GS116NA Datasheet HTML 3Page - NETGEAR, Inc. GS116NA Datasheet HTML 4Page - NETGEAR, Inc. GS116NA Datasheet HTML 5Page - NETGEAR, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE 3 of 5
5-port, 8-port and 16-port Gigabit Ethernet
Unmanaged Switches
Data Sheet | GS105, GS108, GS116
Product Specifications
GS105v5
GS108v4
GS116v2
Gigabit ports
5
8
16
Max MAC entries
2K
4K
8K
Buffer size
128KB
192KB
256KB
Energy Efficient Enthernet
(IEEE 802.3az complaint)
Yes
Yes
Yes
Performance Specification
Forwarding modes
Store-and-forward
Store-and-forward
Store-and-forward
Bandwidth
10 Gbps
16 Gbps
32 Gbps
Jumbo frame support
Up to 9K packet size
Up to 9K packet size
Up to 9K packet size
Acoustic noise (ANSI-S10.12)
0 dBA (fanless)
0 dBA (fanless)
0 dBA (fanless)
Mean Time Between Failures
(MTBF)
3,197,945 hrs (52 yrs)
9,727,733 hrs (158 yrs)
554,582 hrs (9 yrs)
Network latency (64 bytes)
New
1000Mbps-->1000Mbps:<2.6us
100Mbps-->100Mbps:<4.5us
10Mbps-->10Mbps:<30.0us
1000Mbps-->1000Mbps:<1.6us
100Mbps-->100Mbps:<4.9us
10Mbps-->10Mbps:<18.8us
1000Mbps-->1000Mbps:<1.6us
100Mbps-->100Mbps:<4.9us
10Mbps-->10Mbps:<18.8us
Quality of Service (QoS)
Max Power Consumption (W)
2.7W
4.9W
9.5W
DSCP
Yes
Yes
Yes
IEEE 802.1p COS 
Yes
Yes
Yes
Queue WRR Ratio
1:2:4:8
1:2:4:8
1:2:4:8
IEEE Network Protocols
IEEE 802.3 Ethernet
IEEE 802.1p Class of Service
IEEE 802.3ab 1000BASE-T
IEEE 802.3x full-duplex flow control
IEEE 802.3I 10BASE-TEthernet New
Yes
IEEE 802.3U 100BASE-TX New
Yes
Miscellaneous Features
IEEE 802.3az (Energy Efficient
Ethernet)
Yes
Yes
Yes
LEDs
Per port
Speed, Link, Activity
Speed, Link, Activity
Speed, Link, Activity
Per device
Power Status
Power Status
Power Status
Physical Specifications
Dimensions
94 x 100 x 27 mm
(3.7 x 3.9 x 1.1 in)
158 x 102 x 27 mm
(6.2 x 4.0 x 1.1 in)
286 x 100 x 27 mm
(11.3 x 3.9 x 1.1 in)
Weight 
0.26 kg (0.57 lb)
0.47 kg (1.04 lb)
0.9 kg (1.98 lb)
Technical Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com