Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS116NA Datasheet(PDF) 1 Page - NETGEAR, Inc.

Part # GS116NA
Description  5-port, 8-port and 16-port Gigabit Ethernet Unmanaged Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NETGEAR [NETGEAR, Inc.]
Direct Link  https://www.netgear.com/
Logo NETGEAR - NETGEAR, Inc.

GS116NA Datasheet(HTML) 1 Page - NETGEAR, Inc.

  GS116NA Datasheet HTML 1Page - NETGEAR, Inc. GS116NA Datasheet HTML 2Page - NETGEAR, Inc. GS116NA Datasheet HTML 3Page - NETGEAR, Inc. GS116NA Datasheet HTML 4Page - NETGEAR, Inc. GS116NA Datasheet HTML 5Page - NETGEAR, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE 1 of 5
5-port, 8-port and 16-port Gigabit Ethernet
Unmanaged Switches
Data Sheet | GS105, GS108, GS116
Instant Connectivity with
Reliable Performance
The NETGEAR® Gigabit Unmanaged
Switch series helps businesses cost-
effectively expand their network to Gigabit
speeds and higher port counts.
The GS105v5, GS108v4, and GS116v2
Gigabit Ethernet switches come with 5, 8,
and 16 Gigabit copper ports in a desktop
metal case and are wall-mountable.
These switches are energy efficient, built
to last, and rigorously tested to provide
the reliability businesses need. 802.1p
traffic prioritization and jumbo frame
support allow for seamless integration
with more sophisticated networks.
Highlights
Plug and Play
• The standards-based Gigabit switches
sense and adjust for network speed
and cabling type automatically. Easily
integrate into your existing Ethernet
network - no matter if it is running at
10/100Mbps or Gigabit speed
• Simple set up with no software or
configuration needed
• Front panel LEDs keep you informed
of power status, link speed and link
activities
Traffic Prioritization
• Prioritize mission-critical applications
such as voice and video Support
IEEE 802.1 p and DSCP-based QoS
for delivering data based on priority
and type
High Quality and Reliable Performance
• Superior network performance at non-
blocking rate delivers true Gigabit
speed with no compromise
• Durable metal case and long product
life (shown by MTBF numbers)
Energy Efficient
• GS105v5, GS108v4, and GS116v2
support the latest Energy Efficient
Ethernet (IEEE 802.3az) standard, which
reduces energy consumption when
there is light traffic on an active port
or when there is no link or no activity
detected. It can further save energy
when a short cable (<100m) is used.
Energy savings lead directly to cost
savings in operation.
• Silent, fanless design for energy
efficiency and noise-sensitive
environments
Supports all Types of Networks
• Each port delivers up to 2000Mbps of
network speed (full duplex)
• Supports jumbo frames up to 9K packets
size on GS105v5 and GS116v2, up to
9,270 bytes on GS108v4
• Honors TOS/802.1p prioritization
Limited Lifetime* Warranty
• Industry’s leading limited lifetime*
warranty, not only on hardware but also
includes lifetime online support as well
as next-business day (NBD) replacement
support, providing customers peace-
of-mind using NETGEAR switches in
their network.
IN UNMANAGED, WEB,
& PLUS SWITCHES


Similar Part No. - GS116NA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1117 VISHAY-GS1117 Datasheet
81Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Globaltech Semiconducto...
GS1117A GLOBALTECH-GS1117A Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
GS1117AD GLOBALTECH-GS1117AD Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
GS1117AD12F GLOBALTECH-GS1117AD12F Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
GS1117AD15F GLOBALTECH-GS1117AD15F Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
More results

Similar Description - GS116NA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
88E6151 ETC1-88E6151 Datasheet
144Kb / 2P
5-Port/8-Port Gigabit Ethernet QoS Switches
HES5A-4E ETC2-HES5A-4E Datasheet
571Kb / 3P
5-port Unmanaged Ethernet Switches
HES5A-8A ETC2-HES5A-8A Datasheet
480Kb / 3P
5 and 8-port Din-rail Unmanaged Ethernet Switches
logo
Moxa Inc.
EDS-305 MOXA-EDS-305 Datasheet
794Kb / 5P
5-port unmanaged Ethernet switches
EDS-308 MOXA-EDS-308 Datasheet
830Kb / 5P
8-port unmanaged Ethernet switches
EDS-316 MOXA-EDS-316 Datasheet
743Kb / 5P
16-port unmanaged Ethernet switches
EDS-2010-ML MOXA-EDS-2010-ML Datasheet
968Kb / 5P
82G-port Gigabit unmanaged Ethernet switches
EDS-2016-ML MOXA-EDS-2016-ML Datasheet
1,003Kb / 4P
16-port unmanaged Ethernet switches
EDS-2018-ML MOXA-EDS-2018-ML Datasheet
1Mb / 5P
162G-port Gigabit unmanaged Ethernet switches
EDS-G205A MOXA-EDS-G205A Datasheet
681Kb / 5P
5-port full Gigabit unmanaged Ethernet switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com