Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42005 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPL42005
Description  20V, 500mA, Low Noise, CMOS LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42005 Datasheet(HTML) 4 Page - Analog Devices

  ADPL42005 Datasheet HTML 1Page - Analog Devices ADPL42005 Datasheet HTML 2Page - Analog Devices ADPL42005 Datasheet HTML 3Page - Analog Devices ADPL42005 Datasheet HTML 4Page - Analog Devices ADPL42005 Datasheet HTML 5Page - Analog Devices ADPL42005 Datasheet HTML 6Page - Analog Devices ADPL42005 Datasheet HTML 7Page - Analog Devices ADPL42005 Datasheet HTML 8Page - Analog Devices ADPL42005 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Data Sheet
ADPL42005
analog.com
Rev. 0
4 of 26
(VIN = (VOUT + 1V) or 4V (whichever is greater), EN = VIN, IOUT = 10mA, CIN = COUT = 1µF, TA = 25°C for typical
specifications, TJ = −40°C to +125°C for minimum/maximum specifications, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
UVLO THRESHOLD
FALLING
UVLOFALL
3.3V ≤ VIN ≤ 20V, 10kΩ in series with the
enable pin
1.13
V
UVLO HYSTERESIS
CURRENT
UVLOHYS
VEN > 1.25V
7.5
9.8
12
µA
ENABLE PULL-DOWN
CURRENT
IEN-IN
EN = VIN
500
nA
START THRESHOLD
VSTART
3.2
V
SHUTDOWN THRESHOLD
VSHUTDOWN
2.45
V
HYSTERESIS
250
mV
OUTPUT NOISE
OUTNOISE
10Hz to 100kHz, VIN = 6.3V, VOUT = 3.3V
32
µV rms
10Hz to 100kHz, VIN = 5.5V, VOUT = 1.5V,
adjustable mode
18
µV rms
10Hz to 100kHz, VIN = 12V, VOUT = 5V,
adjustable mode
30
µV rms
10Hz to 100kHz, VIN = 20V, VOUT = 15V,
adjustable mode
65
µV rms
POWER SUPPLY
REJECTION RATIO
PSRR
100kHz, VIN = 4.3V, VOUT = 3.3V
50
dB
10kHz, VIN = 4.3V, VOUT = 3.3V
58
dB
100kHz, VIN = 3.3V, VOUT = 1.8V, adjustable
mode
50
dB
10kHz, VIN = 3.3V, VOUT = 1.8V, adjustable
mode
60
dB
1
Based on an end-point calculation using 1mA and 500mA loads. See Figure 6 for typical load regulation
performance for loads less than 1mA.
2
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the
nominal output voltage. This applies only for output voltages above 3.0V.
3
Current limit threshold is defined as the current at which the output voltage drops to 90% of the specified
typical value. For example, the current limit for a 5.0V output voltage is defined as the current that causes the
output voltage to drop to 90% of 5.0V, or 4.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com