Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42005 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPL42005
Description  20V, 500mA, Low Noise, CMOS LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42005 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPL42005 Datasheet HTML 2Page - Analog Devices ADPL42005 Datasheet HTML 3Page - Analog Devices ADPL42005 Datasheet HTML 4Page - Analog Devices ADPL42005 Datasheet HTML 5Page - Analog Devices ADPL42005 Datasheet HTML 6Page - Analog Devices ADPL42005 Datasheet HTML 7Page - Analog Devices ADPL42005 Datasheet HTML 8Page - Analog Devices ADPL42005 Datasheet HTML 9Page - Analog Devices ADPL42005 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Data Sheet
ADPL42005
analog.com
Rev. 0
6 of 26
ABSOLUTE MAXIMUM RATINGS
Table 3. Absolute Maximum Ratings
PARAMETER
RATING
VIN to GND
−0.3V to +22V
VOUT to GND
−0.3V to +20V
EN/UVLO to GND
−0.3V to VIN
PG to GND
−0.3V to VIN
SENSE/ADJ to GND
−0.3V to VOUT
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature
Range
−40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
Stresses at or above those listed under Absolute Maximum Ratings may cause permanent damage to the product.
This is a stress rating only; functional operation of the product at these or any other conditions above those indicated
in the operational section of this specification is not implied. Operation beyond the maximum operating conditions
for extended periods may affect product reliability.
Thermal Data
Absolute maximum ratings apply individually only, not in combination. The ADPL42005 can be damaged when the
junction temperature limit is exceeded. Monitoring ambient temperature does not guarantee that TJ is within the
specified temperature limits. In applications with high power dissipation and poor thermal resistance, the maximum
ambient temperature may have to be derated.
In applications with moderate power dissipation and low PCB thermal resistance, the maximum ambient
temperature can exceed the maximum limit as long as the junction temperature is within specification limits. The
junction temperature (TJ ) of the device is dependent on the ambient temperature (TA), power dissipation of the
device (PD), and junction-to-ambient thermal resistance of the package (θJA).
The maximum junction temperature (TJ ) is calculated from the ambient temperature (TA) and power dissipation (PD)
using the formula:
ΤJ = ΤA + (ΡD × θJA) (1)
The junction-to-ambient thermal resistance (θJA) of the package is based on modeling and calculation using a four-
layer board. The junction-to-ambient thermal resistance is highly dependent on the application and board layout. In
applications where high maximum power dissipation exists, close attention to thermal board design is required. The
value of θJA may vary, depending on PCB material, layout, and environmental conditions. The specified values of θJA
are based on a four-layer, 4 in. × 3 in. circuit board. Refer to JESD51-7 and JESD51-9 for detailed information on the
board construction. For additional information, refer to the AN-617 application note.
ΨJB is the junction-to-board thermal characterization parameter with units of °C/W. The package’s ΨJB is based on
modeling and calculation using a four-layer board. The JESD51-12, Guidelines for Reporting and Using Electronic
Package Thermal Information, states that thermal characterization parameters are not the same as thermal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com