Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5030BCCZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5030BCCZN-R7
Description  100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5030BCCZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5030BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
ADRF5030
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 13
VDD = 3.3 V, VSS = −3.3, VCTRL = 0 V or VDD, TCASE = 25°C, 50 Ω system, unless otherwise noted. RFx refers to RF1 or RF2.
Table 1. Electrical Characteristics
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.1
20
GHz
INSERTION LOSS
Between RFC and RFx (On)
0.1 GHz to 6 GHz
0.7
dB
6 GHz to 12 GHz
0.9
dB
12 GHz to 20 GHz
1.2
dB
RETURN LOSS
RFC
0.1 GHz to 20 GHz
21
dB
RFx (On)
0.1 GHz to 20 GHz
19
dB
RFx (Off)
0.1 GHz to 20 GHz
17
dB
ISOLATION
Between RFC to RFx and RFx to RFx
0.1 GHz to 6 GHz
55
dB
6 GHz to 12 GHz
50
12 GHz to 20 GHz
45
dB
SWITCHING CHARACTERISTICS
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
13
ns
On and Off Time
tON, tOFF
50% VCTRL to 90% of RF output
70
ns
Settling Time (0.1 dB)
50% VCTRL to 0.1 dB of final RF output
95
ns
INPUT LINEARITY1
f = 0.1 GHz to 20 GHz
Input Compression
P0.1dB
36
dBm
Third-Order Intercept
IP3
Two-tone input power = 14 dBm each tone, f = 0.1 GHz
to 20 GHz, Δf = 1 MHz
60
dBm
Second-Order Intercept
IP2
Two-tone input power = 14 dBm each tone, f = 8 GHz.
Δf = 1 MHz
110
dBm
VIDEO FEEDTHROUGH
45
mVp-p
SUPPLY CURRENT
VDD and VSS pins
Positive Supply Current
IDD
150
µA
Negative Supply Current
ISS
520
µA
DIGITAL CONTROL INPUTS
CTRL, EN pins
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low
IINL
<1
µA
High
IINH
33
µA
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Inputs Voltage
VCTRL
0
VDD
V
RF Input Power2, 3
PIN
f = 0.1 GHz to 20 GHz, TCASE = 85°C
Through Path
RF signal is applied to RFC or through connected RFx
(RF1/RF2).
Average
33
dBm
Peak, Pulse4, 5
36
dBm
Terminated Path
RF signal is applied to unselected RFx (terminated
within internal resistor).
Average
33
dBm
Peak, Pulse
36
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com