Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5030BCCZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5030BCCZN-R7
Description  100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5030BCCZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5030BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5030BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
ADRF5030
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 13
For the recommended operating conditions, see Table 1.
Table 3. Absolute Maximum Ratings
Parameter
Rating
Positive Supply Voltage
−0.3 V to +3.6 V
Negative Supply Voltage
−3.6 V to +0.3 V
Digital Control Input1
Voltage
−0.3 V to VDD + 0.3 V
Current
3 mA
RF Input Power, Dual Supply2 (VDD = 3.3 V, VSS =
−3.3 V, f = 0.1 GHz to 20 GHz, TCASE = 85°C3)
Through Path
Average
34 dBm
Peak
37 dBm
Terminated Path
Average
33.5 dBm
Peak
36.5 dBm
Hot Switching
Average
34 dBm
Peak
37 dBm
RF Input Power, Single Supply (VDD = 3.3 V, VSS
= 0 V, f = 0.1 GHz to 20 GHz, TCASE = 85°C3)
Through Path
23 dBm
Terminated Path
23 dBm
Hot Switching
23 dBm
RF Input Power, Unbiased
(VDD, VSS = 0 V)
Average
31 dBm
Peak4
37 dBm
Temperature
Junction, TJ
135°C
Storage Range
−65°C to +150°C
Reflow
260°C
1 Overvoltages at the digital control input are clamped by internal diodes.
Current must be limited to the maximum rating given.
2 For power derating over frequency, see Figure 2.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C
specification by 3 dB for dual supply.
4 Peak: (≤100 ns pulse duration, 5% duty cycle)
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
Only one absolute maximum rating can be applied at any one time.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction-to-case bottom (channel-to-package bottom)
thermal resistance.
Table 4. Thermal Resistance
Package Type
θJC1
Unit
CC-20-21, Through Path
93
°C/W
CC-20-21, Terminated Path
25
°C/W
1 θJC was determined by simulation under the following conditions: the heat
transfer is due solely to the thermal conduction from the channel through the
ground pad to the PCB, and the ground pad is held constant at the operating
temperature of 85°C.
POWER DERATING CURVES
Figure 2. Power Derating vs. Frequency, Low-Frequency Detail, TCASE = 85°
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD-protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001. Charg-
ed device model (CDM) ratings are per ANSI/ESDA/JEDEC
JS-002.
ESD Ratings for the ADRF5030
Table 5. ADRF5030, 20-Terminal LGA
ESD Model
Withstand Threshold (V)
Class
HBM
1.5 kV for RF pins
1C
2 kV for supply and digital
control pins
2
CDM
500 V for all pins
C2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com