Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42005ACPZ-3.0-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPL42005ACPZ-3.0-R7
Description  20V, 500mA, Low Noise, CMOS LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42005ACPZ-3.0-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPL42005ACPZ-3.0-R7 Datasheet HTML 11Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 12Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 13Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 14Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 15Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 16Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 17Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 18Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Data Sheet
ADPL42005
analog.com
Rev. 0
15 of 26
THEORY OF OPERATION
The ADPL42005 is a low quiescent current, low-dropout linear regulator that operates from 4V to 20V and provides
up to 500mA of output current. Drawing a low 1mA of quiescent current (typical) at full load makes the ADPL42005
ideal for battery-operated portable equipment. Typical shutdown current consumption is 40μA at room
temperature.
Optimized for use with small 1µF ceramic capacitors, the ADPL42005 provides excellent transient performance.
Figure 39. Fixed Output Voltage Internal Block Diagram
Figure 40. Adjustable Output Voltage Internal Block Diagram
Internally, the ADPL42005 consists of a reference, an error amplifier, and a PMOS pass transistor. Output current is
delivered through the PMOS pass device, which is controlled by the error amplifier. The error amplifier compares the
reference voltage with the feedback voltage from the output and amplifies the difference. If the feedback voltage is
lower than the reference voltage, the gate of the PMOS device is pulled lower, allowing more current to pass and
increasing the output voltage. If the feedback voltage is higher than the reference voltage, the gate of the PMOS
device is pulled higher, allowing less current to pass and decreasing the output voltage.
The ADPL42005 is available in six fixed output voltage options, ranging from 1.5V to 5.0V and in an adjustable version
with an output voltage that can be set to between 1.22V and 19V by an external voltage divider. The output voltage
can be set according to the following Equation 3:
VOUT = 1 . 22V (1 +
R1
R2
)
(3)
SHUTDOWN
VIN
GND
EN/
UVLO
VOUT
REFERENCE
VREG
PGOOD
PG
SENSE
SHORT-CIRCUIT,
THERMAL
PROTECT
10µA
SHUTDOWN
VIN
GND
EN/
UVLO
VOUT
1.22V
REFERENCE
VREG
PGOOD
PG
ADJ
SHORT-CIRCUIT,
THERMAL
PROTECT
10µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com