Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42005ACPZ-3.0-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADPL42005ACPZ-3.0-R7
Description  20V, 500mA, Low Noise, CMOS LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42005ACPZ-3.0-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPL42005ACPZ-3.0-R7 Datasheet HTML 15Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 16Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 17Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 18Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 19Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 20Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 21Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 22Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Data Sheet
ADPL42005
analog.com
Rev. 0
19 of 26
Figure 45. Typical Startup Behavior
Power-Good Feature
The ADPL42005 provides a power-good pin (PG) to indicate the status of the output. This open-drain output requires
an external pull-up resistor to VIN or VOUT. If the part is in shutdown mode, current-limit mode, or thermal shutdown,
or if it falls below 90% of the nominal output voltage, the power-good pin (PG) immediately transitions low. During
soft-start, the rising threshold of the powergood signal is 93.5% of the nominal output voltage.
The open-drain output is held low when the ADPL42005 has sufficient input voltage to turn on the internal PG
transistor. The PG transistor is terminated through a pull-up resistor to VOUT or VIN.
Power-good accuracy is 93.5% of the nominal regulator output voltage when this voltage is rising, with a 90% trip
point when this voltage is falling. Regulator input voltage brownouts or glitches trigger power no good signals if VOUT
falls below 90%.
A normal power-down causes the power-good signal to go low when VOUT drops below 90%.
Figure 46 and Figure 47 show the typical power-good rising and falling threshold over temperature.
Figure 46. Typical Power-Good Threshold vs. Temperature, VOUT Rising
TIME (µs)
0
500
1000
1500
2000
5V
3.3V
ENABLE
0
1
2
3
4
5
6
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
VOUT (V)
PG –40°C
PG –5°C
PG +25°C
PG +85°C
PG +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com