Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43321 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 43321
Description  FIELD INSTALLABLE DGB15FT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

43321 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  43321 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.54
39.0
2.18
55.3
1.312
33.3
PIN 1
.20
5.0
.53
13.5
.43
11.0
.03
0.8
.52
13.3
2X, 8 POSITION
TERMINAL BLOCK
4X R.130
3.3
.450
11.4
1.312
33.3
20°
1.132
28.8
2X R.06
1.5
RECOMMENDED PANEL OPENING
(MAX PANEL THICKNESS: 0.06")
DB15 FEMALE
D-SUB
CONNECTOR
NOTES:
VOLTAGE RATING: 1000V AC AND 500V DC.
CURRENT RATING: 3 AMPS
COMPONENT ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED
IN ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
RoHS Compliant 
C
WIRING TABLE
DB15 F
TERMINAL
BLOCK #
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
GROUND
16
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DGB15FT
C
DGB15FT.SLDDRW
1
1
D.FORTIN
12/18/08
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S.SMITH
12/18/08
12/18/08
A
B
INITIAL RELEASE
ECN 4308: ADDED VOLTAGE, AMP AND PACKAGING NOTES
10/12/09
D.GRIFFIN
D.FRISIELLO
C
ECN 5463: ADDED PANEL CUTOUT
4/26/11
D. CASTRO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
FIELD INSTALLABLE DGB15FT
DATA
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D/FRISIELLO
COLOR VARIATIONS
MAY OCCUR
12/18/08
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - 43321

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
43321 L-COM-43321 Datasheet
62Kb / 1P
FIBER DUST CAPS 2.5MM PKG 100
12/29/10
43321 L-COM-43321 Datasheet
121Kb / 1P
DISPLAYPORT CABLE M/M
01/14/2011
43321 L-COM-43321 Datasheet
159Kb / 1P
DP M to DVI F ADPTR
6/2/17
43321 L-COM-43321 Datasheet
74Kb / 1P
DP MALE RA TO PNL MNT F CABLE
4/27/2017
43321 L-COM-43321 Datasheet
64Kb / 1P
DISPLAYPORT PNL ADAPT F-F
12/22/2010
More results

Similar Description - 43321

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
710CA004M GLENAIR-710CA004M Datasheet
114Kb / 2P
Non-Environmental User-Installable Straight
712-389M20CD GLENAIR-712-389M20CD Datasheet
48Kb / 2P
User-Installable Bulkhead Fitting
712AK277M16 GLENAIR-712AK277M16 Datasheet
62Kb / 2P
EMI Environmental User-Installable
712AH386M16 GLENAIR-712AH386M16 Datasheet
85Kb / 2P
Environmental User-Installable
logo
List of Unclassifed Man...
7282-3SG-300 ETC1-7282-3SG-300 Datasheet
245Kb / 4P
MINI-CON-X짰 FIELD INSTALLABLE CONNECTORS
6282-6SG-522 ETC2-6282-6SG-522 Datasheet
242Kb / 4P
MINI-CON-X FIELD INSTALLABLE CONNECTORS
logo
Red Lion Controls. Inc
PX2FCA00 REDLION-PX2FCA00 Datasheet
315Kb / 2P
Field-Installable FlexCard Modules
logo
Tyco Electronics
1-2823588-1 MACOM-1-2823588-1 Datasheet
2Mb / 2P
FIELD INSTALLABLE CONNECTORS
logo
TE Connectivity Ltd
M12 TEC-M12 Datasheet
2Mb / 2P
FIELD INSTALLABLE CONNECTORS
logo
STI Vibration Monitorin...
CMCP640 STI-CMCP640 Datasheet
451Kb / 1P
Low Cost Field Installable MIL Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com