Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43321 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 43321
Description  COVER, DB9F FIELD TERMINATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

43321 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  43321 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.08
1.9
.45
11.5
1.50
38.1
.86
21.9
PIN 1
.28
7.2
.30
7.6
.36
9.2
1.75
44.5
2.05
52.1
.50
12.7
2X .12
3.0
2X .08
2.0
.28
7.1
R.04
1.0
TYP.
2X, 4-40 UNC-2B
JACK SCREW
TOP COVER
L-COM P/N: DGB9FT
(SOLD SEPARATELY)
BOTTOM COVER
NOTES:
1. MATERIAL: ABS, BLACK, UL94V-0
2. WORKS WITH DB9 FEMALE CONNECTOR FOR FIELD TERMINATION
L-COM P/N: DGB9FT (SOLD SEPARATELY)
3. TIE WRAP FOR BULK CABLE INCLUDED.
4. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DGB9FT-CVR
A
DGB9FT-CVR.SLDDRW
1
1
F.MAO
1/6/14
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S.SMITH
1/6/14
6/30/14
A
INITIAL RELEASE
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
COVER, DB9F FIELD TERMINATION
D-SUBMINIATURE
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
1/6/14
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - 43321

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
43321 L-COM-43321 Datasheet
62Kb / 1P
FIBER DUST CAPS 2.5MM PKG 100
12/29/10
43321 L-COM-43321 Datasheet
121Kb / 1P
DISPLAYPORT CABLE M/M
01/14/2011
43321 L-COM-43321 Datasheet
159Kb / 1P
DP M to DVI F ADPTR
6/2/17
43321 L-COM-43321 Datasheet
74Kb / 1P
DP MALE RA TO PNL MNT F CABLE
4/27/2017
43321 L-COM-43321 Datasheet
64Kb / 1P
DISPLAYPORT PNL ADAPT F-F
12/22/2010
More results

Similar Description - 43321

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
TTB50-3T AAC-TTB50-3T Datasheet
107Kb / 3P
Termination - Tab & Cover (TTB Series)
logo
Tyco Electronics
2-102396-3 MACOM-2-102396-3 Datasheet
128Kb / 1P
COVER MASS TERMINATION AMPMODU 2.54[.100] CL
2-102681-0 MACOM-2-102681-0 Datasheet
82Kb / 1P
COVER-HALF, LATCH, MASS TERMINATION,AMPMODU,FULL BAR POLARIZATION
1-102396-0 MACOM-1-102396-0 Datasheet
128Kb / 1P
COVER MASS TERMINATION AMPMODU 2.54[.100] CL
1-102744-7 MACOM-1-102744-7 Datasheet
64Kb / 1P
COVER-MASS TERMINATION, AMPMODU, .100CL, SINGLE ROW
logo
List of Unclassifed Man...
1059 ETC1-1059 Datasheet
60Kb / 1P
DB9F to DB25M Serial Printer Cable
logo
PANDUIT CORP.
FLCSMCXAQY PANDUIT-FLCSMCXAQY Datasheet
142Kb / 3P
LC Fiber Optic Connectors . Field Polish Termination
FSTMABL PANDUIT-FSTMABL Datasheet
176Kb / 1P
ST Fiber Optic Connectors ??Field Polish Termination
logo
Advantech Co., Ltd.
BB-9PAMF1 ADVANTECH-BB-9PAMF1 Datasheet
746Kb / 1P
DB9M to DB9F Serial Cables
BB-DGB9FT ADVANTECH-BB-DGB9FT Datasheet
312Kb / 1P
DB9F to Terminal Block Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com