Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43321 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 43321
Description  GENDER CHANGER, HD15 FEMALE/FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

43321 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  43321 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4X R.130
3.30
.450
11.43
.984
24.99
20°
.806
20.47
2X R.06
1.5
.70
17.8
JACKSCREW & HEX STANDOFF
SPECIFICATION
13.97
.55
±0.254
4.83
±.01
.19
.36±.01
9.14±0.254
4-40 UNC-2B
X .180
RECOMMENDED PANEL OPENING
(MAX PANEL THICKNESS: 0.06")
POSITION 1
.19±.01
4.7±0.254
2X 15 PIN FEMALE
HIGH DENSITY
D-SUB CONNECTOR
POSITION 1
31.8
1.25
25
.98
.50
12.7
2X 4-40 JACKSCREW
2X 4-40 HEX STANDOFF
.25
6.4
4X
.03 -.03
+.00
0.76 -0.762
0
RoHS Compliant 
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
TEXT COLOR; WHITE.
PACKAGING:
NOTES:
MATERIAL:
SHELL: STEEL
CONTACTS: COPPER ALLOY
HARDWARE: BRASS
INSULATOR: PBT FIBER REINFORCED (UL94V-0 RATED)
FINISH:
SHELL: TIN/NICKEL PLATED
CONTACTS: GOLD FLASH PLATED
HARDWARE: NICKEL PLATED
ELECTRICAL:
CURRENT RATING: 3 AMP
MISCELLANEOUS:
OPERATING TEMPERATURE RANGE: -55 C TO +105 C.
ALL CONTACTS ARE WIRED STRAIGHT THROUGH.
COMPONENT SHALL BE TESTED FOR CONTINUITY.
LABELING:
PANTONE 2945 BLUE. "L-COM" FONT MyriaMM ITALIC.
"GENDER CHANGER" FONT ARIAL BOLD, TEXT HEIGHTS; .085"
H
NOTE: DIFFERENT STANDOFFS AND JACK SCREWS
ARE REQUIRED FOR PANEL MOUNTING.
SEE WWW.L-COM.COM OR MASTER CATALOG FOR DETAILS.
DIMENSIONS ARE IN INCHES [mm]
CAD FILE: DGBH15F.SLDDRW
D
C
B
A
A
B
C
PROJECTION
CONFIGURATION DETAILS OF
01845
SIZE
DWG. NO.
B
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
8
7
6
5
4
32
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
PERMISSION OF L-COM, INC. IS PROHIBITED.
REVISIONS
REV
DESCRIPTION
DATE
CHANGED BY
UNLESS OTHERWISE SPECIFIED,
D.PARHAM
REV.
H
T.CLARK
R.CARRICK
11/08/2001
11/08/2001
SHEET 1 OF 1
ECN 5937: ADDED NOTE FOR PANEL MOUNTING
ECN 4564: ADDED ROHS, UPDATED DRAWING AND NEW FORMAT
D.FRISIELLO
2/17/10
G
H
D.FRISIELLO
GENDER CHANGER, HD15 FEMALE/FEMALE
CATEGORY
1/25/12
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
1
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
11/08/2001
DGBH15F
FSCM NO.
MAY VARY
43321
SCALE: 2:1
D-SUBMINIATURE
L-COM, INC. ANY REPRODUCTIONS IN PART OR WHOLE WITHOUT THE WRITTEN
UNDIMENSIONED FEATURES
MAY OCCUR
DIMENSIONAL
TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
4-40 UNC-2B THRU


Similar Part No. - 43321

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
43321 L-COM-43321 Datasheet
62Kb / 1P
FIBER DUST CAPS 2.5MM PKG 100
12/29/10
43321 L-COM-43321 Datasheet
121Kb / 1P
DISPLAYPORT CABLE M/M
01/14/2011
43321 L-COM-43321 Datasheet
159Kb / 1P
DP M to DVI F ADPTR
6/2/17
43321 L-COM-43321 Datasheet
74Kb / 1P
DP MALE RA TO PNL MNT F CABLE
4/27/2017
43321 L-COM-43321 Datasheet
64Kb / 1P
DISPLAYPORT PNL ADAPT F-F
12/22/2010
More results

Similar Description - 43321

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
DAH1SSAAX01A CONEC-DAH1SSAAX01A Datasheet
196Kb / 1P
HD 15P FEMALE/FEMALE GENDER CHANGER
logo
Assmann Electronics Inc...
AB411-R ASSMANN-AB411-R Datasheet
90Kb / 1P
Mini Gender Changer
AB412-R ASSMANN-AB412-R Datasheet
97Kb / 1P
Mini Gender Changer
logo
Tripp Lite. All Rights ...
P158000 TRIPPLITE-P158000 Datasheet
486Kb / 2P
Compact-Slimline VGA Video Gender Changer (HD15 M-M)
logo
Adam Technologies, Inc.
MGC-25S-25S-JS-JS ADAM-TECH-MGC-25S-25S-JS-JS Datasheet
103Kb / 1P
MINI GENDER CHANGER
logo
Tripp Lite. All Rights ...
P158-000 TRIPPLITE-P158-000 Datasheet
162Kb / 2P
Compact/Slimline VGA Video Gender Changer (HD15 M/M)
logo
HARTING Technology Grou...
09-14-001-4721 HARTING-09-14-001-4721 Datasheet
465Kb / 2P
Han RJ45 module, female gender changer
09-14-001-4711 HARTING-09-14-001-4711 Datasheet
452Kb / 2P
Han FireWire modul female gender changer
09-14-001-4701 HARTING-09-14-001-4701 Datasheet
453Kb / 2P
Han USB module, female gender changer
logo
Advantech Co., Ltd.
BB-9SGF ADVANTECH-BB-9SGF Datasheet
451Kb / 1P
DB9 Female Low-profile Gender Changer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com