Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43321 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 43321
Description  CONN, HD15M FIELD TERMINATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

43321 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  43321 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.66
16.8
TERMINAL BLOCK, CLAMPING
6 POSITION
TERMINAL BLOCK, SCREW IN,
CLAMPING, 55°,
5 POSITION
TERMINAL BLOCK, CLAMPING
5 POSITION
2.44
62
1.22
31
.59
15
2X
.197
5
2X #4-40
JACKSCREW
.984
25
MALE 15 CONTACT
HIGH DENSITY D-SUB
CONNECTOR
PIN 1
.160
4.1
.190
4.8
JACKSCREW
DETAIL
2:1
#4-40 UNC-2B X .094 DP.
4X R.130
3.3
.450
11.43
.984
25
2X R.06
1.5
20°
.806
20.5
RECOMMENDED PANEL OPENING
(MAX PANEL THICKNESS: 0.06")
RoHS Compliant 
NOTES:
1. VOLTAGE RATING: 1000V AC & 500V DC.
2. COMPONENT SHALL BE TESTED FOR CONTINUITY.
3. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031.
B
WIRE MAP
DB15
TERMINAL
BLOCK
SIGNAL
1
1
RED
2
2
GREEN
3
3
BLUE
4
4
ID2
5
5
GND
6
6
RED SHIELD
7
7
GREEN SHIELD
8
8
BLUE SHIELD
9
9
DDV +5
10
10
SNC RTN
11
11
ID0
12
12
ID1
13
13
HRZ SNC
14
14
VER SNC
15
15
ID3
GND
SHL
SHL
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DGBH15MT1
B
DGBH15MT1.SLDDRW
1
1
D. PARHAM
8/18/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S. SMITH
8/18/10
8/19/10
A
B
INITIAL RELEASE
ECN 5463: ADDED PANEL CUTOUT
4/26/11
D.GRIFFIN
D. CASTRO
-
-
-
-
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
-
-
-
-
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CONN, HD15M FIELD TERMINATION
DATA
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
8/18/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - 43321

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
43321 L-COM-43321 Datasheet
62Kb / 1P
FIBER DUST CAPS 2.5MM PKG 100
12/29/10
43321 L-COM-43321 Datasheet
121Kb / 1P
DISPLAYPORT CABLE M/M
01/14/2011
43321 L-COM-43321 Datasheet
159Kb / 1P
DP M to DVI F ADPTR
6/2/17
43321 L-COM-43321 Datasheet
74Kb / 1P
DP MALE RA TO PNL MNT F CABLE
4/27/2017
43321 L-COM-43321 Datasheet
64Kb / 1P
DISPLAYPORT PNL ADAPT F-F
12/22/2010
More results

Similar Description - 43321

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
42-00001 CONEC-42-00001 Datasheet
168Kb / 1P
Male connector M8x1, field attachable, axial, spring-type termination
logo
Tyco Electronics
2-1374416-3 MACOM-2-1374416-3 Datasheet
45Kb / 1P
CONNECTOR JACK HOUSING, 39mm, MT-RJ FIELD TERMINATION
2-1374416-4 MACOM-2-1374416-4 Datasheet
45Kb / 1P
CONNECTOR JACK HOUSING, 39mm, MT-RJ FIELD TERMINATION
2-1374416-5 MACOM-2-1374416-5 Datasheet
45Kb / 1P
CONNECTOR JACK HUSING, 39mm, MT-RJ FIELD TERMINATION
2-1374416-6 MACOM-2-1374416-6 Datasheet
45Kb / 1P
CONNECTOR JACK HOUSING, 39mm, MT-RJ FIELD TERMINATION
logo
CONEC Elektronische Bau...
42K1A281 CONEC-42K1A281 Datasheet
168Kb / 1P
Male connector M8x1, field attachable, axial, spring-type termination
logo
PANDUIT CORP.
FLCSMCXAQY PANDUIT-FLCSMCXAQY Datasheet
142Kb / 3P
LC Fiber Optic Connectors . Field Polish Termination
FSTMABL PANDUIT-FSTMABL Datasheet
176Kb / 1P
ST Fiber Optic Connectors ??Field Polish Termination
logo
Pulse A Technitrol Comp...
JT6-1473NL PULSE-JT6-1473NL Datasheet
400Kb / 4P
CONN,RJ45,1X4,10G,4C
JXD0-0001NL PULSE-JXD0-0001NL Datasheet
466Kb / 5P
CONN,RJ45,1X1,100D,TU
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com