Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43321 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 43321
Description  DP TO DVI-D DUAL LINK CBL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

43321 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  43321 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant 
PLATED CONTACTS.
3. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
PIN 2
24+1 FEMALE
DVI-D DUAL LINK
4. ALL CONNECTORS HAVE NICKEL PLATED SHELLS AND GOLD
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
PIN 20
20 PIN MALE
DISPLAYPORT
CONNECTOR
CONNECTOR
NOTES:
1. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
2. FACTORY TESTED FOR CONTINUITY PRIOR TO SHIPPING.
C
NORTH ANDOVER, MA
INITIAL RELEASE
UNDIMENSIONED FEATURES
12/5/11
DP-DVI-CBL.SLDDRW
VIDEO
D.FRISIELLO
6
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
D.FRISIELLO
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
MAY OCCUR
8
DP-DVI-CBL
C
UNLESS OTHERWISE SPECIFIED,
11
11/8/11
REVISIONS
DESCRIPTION
APPROVED
REV
R.SCOTT
DATE
P.McNEIL
11/8/11
11/9/11
A
B
D.FRISIELLO
C
ECN 5872: REVISED L-COM LOGO
DP TO DVI-D DUAL LINK CBL
5
11/21/11
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
11/8/11
43321
D.GRIFFIN
COLOR VARIATIONS
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
PROJECTION
CATEGORY
ECN 5842: ADDED NOTES 1 & 4
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
ABS PLASTIC,
BLACK
JACKET: PVC, BLACK
MOLDED HOOD
AND STRAIN RELIEF,
PVC, BLACK
44.3
1.75
47.8
1.88
3.94±.39
100.0±10.0
1.44
36.5
PIN 1
2X, 4-40 UNC-2B
INSERTS
.73
18.5
PIN 1
PIN 19


Similar Part No. - 43321

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
43321 L-COM-43321 Datasheet
62Kb / 1P
FIBER DUST CAPS 2.5MM PKG 100
12/29/10
43321 L-COM-43321 Datasheet
121Kb / 1P
DISPLAYPORT CABLE M/M
01/14/2011
43321 L-COM-43321 Datasheet
159Kb / 1P
DP M to DVI F ADPTR
6/2/17
43321 L-COM-43321 Datasheet
74Kb / 1P
DP MALE RA TO PNL MNT F CABLE
4/27/2017
43321 L-COM-43321 Datasheet
64Kb / 1P
DISPLAYPORT PNL ADAPT F-F
12/22/2010
More results

Similar Description - 43321

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK621N-3-R ASSMANN-AK621N-3-R Datasheet
256Kb / 1P
DVI-D <=> DVI-D Dual Link Cable, 3 Meters
AK621N-5-R ASSMANN-AK621N-5-R Datasheet
249Kb / 1P
DVI-D <=> DVI-D Dual Link Cable, 5 Meters
logo
Tripp Lite. All Rights ...
P118000 TRIPPLITE-P118000 Datasheet
499Kb / 2P
DVI-I to DVI-D Dual Link Video Cable Adapter (F-M)
P118-000 TRIPPLITE-P118-000 Datasheet
161Kb / 2P
DVI-I to DVI-D Dual Link Video Cable Adapter (F/M)
P134-000-DVI-V2 TRIPPLITE-P134-000-DVI-V2 Datasheet
167Kb / 2P
DisplayPort 1.2 to DVI Compact Adapter Converter (DP-Male to DVI Female)
P581-003-V2 TRIPPLITE-P581-003-V2_V01 Datasheet
42Kb / 3P
DisplayPort 1.2 to DVI Active Adapter Cable (DP with Latches to DVI-D Dual Link M/M), 3 ft. (0.9 m)
P581-003 TRIPPLITE-P581-003_V01 Datasheet
42Kb / 3P
DisplayPort to DVI Adapter Cable (DP with Latches to DVI-D Single Link M/M), 3 ft. (0.9 m)
P581-006-V2 TRIPPLITE-P581-006-V2_V01 Datasheet
24Kb / 2P
DisplayPort 1.2 to DVI Active Adapter Cable (DP with Latches to DVI-D Dual Link M/M), 6 ft. (1.8 m)
P581-006 TRIPPLITE-P581-006_V01 Datasheet
63Kb / 3P
DisplayPort to DVI Adapter Cable (DP with Latches to DVI-D Single Link M/M), 6 ft. (1.8 m)
P581-015 TRIPPLITE-P581-015_V01 Datasheet
43Kb / 3P
DisplayPort to DVI Adapter Cable (DP with Latches to DVI-D Single Link M/M), 15 ft. (4.6 m)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com