Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43321 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 43321
Description  DP M to DVI F ADPTR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

43321 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  43321 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. VOLTAGE TEST: DC 300V 10ms
INSULATION RESITANCE: 10.0Mohm/MIN.
CONDUCTANCE RESISTANCE: 2.0 ohm/MAX.
3. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
4. ALL DIMENSIONS ARE FOR REFERENCE ONLY AND
ARE "mm" UNLESS OTHERWISE SPECIFIED.
5. INSIDE THE MOLDED P2 END MUST USE COPPER FOIL AND
SOLDER THE BRAID 360 DEGREES TO THE SHELL.
REGULATORY COMPLIANCE:
CE 2011/65/EU(RoHS DIRECTIVE)
19
20
2
1
P2
P1
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DPC00008
A
DPC00008.SLDDRW
1
1
B.GATES
6/2/17
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
B.GATES
6/2/17
6/2/17
A
INITIAL RELEASE
R.CLARK
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
DP M to DVI F ADPTR
AUDIO/VIDEO
PROJECTION
UNLESS OTHERWISE SPECIFIED,
R.CLARK
COLOR VARIATIONS
MAY OCCUR
6/2/17
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - 43321

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
43321 L-COM-43321 Datasheet
62Kb / 1P
FIBER DUST CAPS 2.5MM PKG 100
12/29/10
43321 L-COM-43321 Datasheet
121Kb / 1P
DISPLAYPORT CABLE M/M
01/14/2011
43321 L-COM-43321 Datasheet
74Kb / 1P
DP MALE RA TO PNL MNT F CABLE
4/27/2017
43321 L-COM-43321 Datasheet
64Kb / 1P
DISPLAYPORT PNL ADAPT F-F
12/22/2010
43321 L-COM-43321 Datasheet
57Kb / 1P
DP TO DVI-D DUAL LINK CBL
11/8/11
More results

Similar Description - 43321

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P126000 TRIPPLITE-P126000 Datasheet
502Kb / 2P
DVI to VGA Cable Adapter (DVI-I to HD15 F/M)
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P134000 TRIPPLITE-P134000 Datasheet
483Kb / 2P
DisplayPort to DVI Cable Adapter, Converter for DP-M to DVI-I-F
P120-000 TRIPPLITE-P120-000 Datasheet
175Kb / 2P
DVI to VGA Cable Adapter (DVI-A to HD15 M/F)
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P134-000 TRIPPLITE-P134-000 Datasheet
158Kb / 2P
DisplayPort to DVI Cable Adapter, Converter for DP-M to DVI-I-F
P134-003 TRIPPLITE-P134-003 Datasheet
160Kb / 2P
DisplayPort to DVI Cable Adapter, Converter for DP-M to DVI-I-F, 3-ft.
logo
IOGEAR
GDVIMVGAF IOGEAR-GDVIMVGAF Datasheet
132Kb / 2P
DVI-A (M) to VGA (F) Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com