Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43321 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 43321
Description  DISPLAYPORT CABLE M/M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

43321 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  43321 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
"P2"
CABLE: (5) SHIELDED TWISTED PAIR 30AWG WITH 30 AWG DRAIN WIRE.
(4) 30 AWG SINGLE CONDUCTORS.
PVC JACKET: BLACK.
2X PLASTIC HOOD
BLACK
(2X) 20 PIN
DISPLAYPORT
MALE CONNECTOR
"P1"
PIN 1
NOTES:
1. CABLE ASSEMBLIES SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLIES SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
PIN 2
PIN 19
PIN 20
PIN 1
PIN 19
PIN 2
PIN 20
RoHS Compliant 
PART NUMBER
LENGTH
METERS
FEET
DPCAMM-0.5
0.5
1.64
DPCAMM-1
1.0
3.28
DPCAMM-2
2.0
6.56
DPCAMM-3
3.0
9.84
DPCAMM-4
4.0
13.12
DPCAMM-5
5.0
16.41
DPCAMM-10
10.0
32.81
DPCAMM-15
15.0
49.22
WIRING MAP
CABLE
"P1"
SIGNAL NAME
COLOR
"P2"
TWISTED
PAIR 1
1
ML_LANE 0(p)
BROWN
12
2
GND
DRAIN
11
3
ML_LANE 0(n)
WHITE
10
TWISTED
PAIR 2
4
ML_LANE 1(p)
RED
9
5
GND
DRAIN
8
6
ML_LANE 1(n)
WHITE
7
TWISTED
PAIR 3
7
ML_LANE 2(p)
GREEN
6
8
GND
DRAIN
5
9
ML_LANE 2(n)
WHITE
4
TWISTED
PAIR 4
10
ML_LANE 3(p)
ORANGE
3
11
GND
DRAIN
2
12
ML_LANE 3(n)
WHITE
1
13
GND
BROWN
13
14
GND
RED
14
TWISTED
PAIR 5
15
AUX CH(p)
BLUE
15
16
GND
DRAIN
16
17
AUX CH(n)
WHITE
17
18
HOT PLUG DETECT
YELLOW
18
19
DP_PWR RETURN
ORANGE
19
20
N/A
N/C
20
SHELL
GND
BRAID
SHELL
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DPCAMM-X
A
DPCAMM-X.SLDDRW
1
1
D. CASTRO
01/14/2011
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P. McNEIL
01/14/2011
1/17/11
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
DISPLAYPORT CABLE M/M
VIDEO
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. PARHAM
COLOR VARIATIONS
MAY OCCUR
01/14/2011
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - 43321

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
43321 L-COM-43321 Datasheet
62Kb / 1P
FIBER DUST CAPS 2.5MM PKG 100
12/29/10
43321 L-COM-43321 Datasheet
159Kb / 1P
DP M to DVI F ADPTR
6/2/17
43321 L-COM-43321 Datasheet
74Kb / 1P
DP MALE RA TO PNL MNT F CABLE
4/27/2017
43321 L-COM-43321 Datasheet
64Kb / 1P
DISPLAYPORT PNL ADAPT F-F
12/22/2010
43321 L-COM-43321 Datasheet
57Kb / 1P
DP TO DVI-D DUAL LINK CBL
11/8/11
More results

Similar Description - 43321

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P580010 TRIPPLITE-P580010 Datasheet
483Kb / 2P
DisplayPort Cable with Latches (M-M), 10-ft
P580015 TRIPPLITE-P580015 Datasheet
483Kb / 2P
DisplayPort Cable with Latches (M/M), 15-ft
P580050 TRIPPLITE-P580050 Datasheet
483Kb / 2P
DisplayPort Cable with Latches (M-M) 50-ft
P583003 TRIPPLITE-P583003 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 3-ft
P583006 TRIPPLITE-P583006 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 6-ft
P583010 TRIPPLITE-P583010 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 10-ft
P584003 TRIPPLITE-P584003 Datasheet
472Kb / 2P
Mini DisplayPort Cable (M-M), 3-ft
P584006 TRIPPLITE-P584006 Datasheet
471Kb / 2P
Mini DisplayPort Cable (M-M), 6-ft
P584010 TRIPPLITE-P584010 Datasheet
471Kb / 2P
Mini DisplayPort Cable (M-M), 10-ft
P580-030 TRIPPLITE-P580-030 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M) 30-ft.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com