Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43321 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 43321
Description  FIBER DUST CAPS 2.5MM PKG 100
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

43321 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  43321 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.39
9.8
.31
7.8
.23
5.8
.15
3.9
NOTES:
1. MATERIAL: CLEAR PLASTIC.
2. CAN BE USED WITH ST, SC and FC STYLE CONNECTORS.
3. DUST CAPS ARE TO BE PACKAGED 100 PIECES PER BAG IN
ACCORDANCE WITH L-COM SPEC. PS-0031.
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DSTCP-C-25MM
A
DSTCP-C-25MM.SLDDRW
1
1
D. PARHAM
12/29/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D. GALLAGHER
12/29/10
12/29/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
FIBER DUST CAPS 2.5MM PKG 100
FIBER
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
12/29/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - 43321

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
43321 L-COM-43321 Datasheet
121Kb / 1P
DISPLAYPORT CABLE M/M
01/14/2011
43321 L-COM-43321 Datasheet
159Kb / 1P
DP M to DVI F ADPTR
6/2/17
43321 L-COM-43321 Datasheet
74Kb / 1P
DP MALE RA TO PNL MNT F CABLE
4/27/2017
43321 L-COM-43321 Datasheet
64Kb / 1P
DISPLAYPORT PNL ADAPT F-F
12/22/2010
43321 L-COM-43321 Datasheet
57Kb / 1P
DP TO DVI-D DUAL LINK CBL
11/8/11
More results

Similar Description - 43321

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
187-019 GLENAIR-187-019 Datasheet
196Kb / 1P
Vinyl Dust Caps
logo
Qualtek Electronics Cor...
QSEC QUALTEK-QSEC Datasheet
590Kb / 1P
END CAPS
logo
List of Unclassifed Man...
16260 ETC2-16260 Datasheet
51Kb / 2P
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
logo
Qualtek Electronics Cor...
QSEC QUALTEK-QSEC_13 Datasheet
763Kb / 1P
END CAPS
logo
List of Unclassifed Man...
16270 ETC2-16270 Datasheet
51Kb / 2P
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100" (2.5MM)
8681 ETC2-8681 Datasheet
439Kb / 1P
LED LENS CAPS
logo
Glenair, Inc.
187-019 GLENAIR-187-019 Datasheet
134Kb / 1P
Pin and Socket Dust Caps
logo
Tyco Electronics
408-2453 MACOM-408-2453 Datasheet
237Kb / 5P
Remove protective dust caps from both quick connect/disconnect couplers
logo
Kemet Corporation
SBCP-47HY101B KEMET-SBCP-47HY101B Datasheet
86Kb / 1P
KEMET, SBCP-47HY, Power, 100 uH, 10%, 2.5mm
SBC1-101-571 KEMET-SBC1-101-571_V01 Datasheet
76Kb / 1P
KEMET, SBC1, Power, 100 uH, 10%, 2.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com