Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PC40UD Datasheet(PDF) 5 Page - International Rectifier

Part # IRG4PC40UD
Description  Fit Rate / Equivalent Device Hours
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC40UD Datasheet(HTML) 5 Page - International Rectifier

  IRG4PC40UD Datasheet HTML 1Page - International Rectifier IRG4PC40UD Datasheet HTML 2Page - International Rectifier IRG4PC40UD Datasheet HTML 3Page - International Rectifier IRG4PC40UD Datasheet HTML 4Page - International Rectifier IRG4PC40UD Datasheet HTML 5Page - International Rectifier IRG4PC40UD Datasheet HTML 6Page - International Rectifier IRG4PC40UD Datasheet HTML 7Page - International Rectifier IRG4PC40UD Datasheet HTML 8Page - International Rectifier IRG4PC40UD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Fit Rate / Equivalent Device Hours
λ = Proportion allowed system failures
X
1
X
10
9
=
FITS
Time period
No. of devices
In the case of the example,
λ =
0.01 Failures
X
1
=
10
9
=
14 FITS
720 Hours
1000 Devices
or 14 FITs or 14 failures per 10
9 devices hours.
Traditionally, reliability results have been presented in terms of Mean-Time-To-Failure
or Median-Time-To-Failure.
While these results have their value, they do not
necessarily tell the designer what he most needs to know. For example, the Median-
Time-To-Failure tells the engineer how long it will take for half a particular lot of
devices to fail. Clearly no designer wishes to have a 50% failure rate within a
reasonable equipment lifetime. Of greater interest, therefore, is the time to failure of a
much smaller percentage of devices say 1% or 0.1%. For example, in a given
application one failure per hundred units over five years is an acceptable failure rate
for the equipment, the designer knows that time to accumulate 1% failure of that
components per unit, then no more than 0.1% of the components may fail in five
years. Therefore, the IGBT / CoPack reliability or operating-life data is presented in
terms of the time it will take to produce a prescribed number of failures under given
operating conditions.
To obtain a perspective of failure rate from an example, let us assume that an
electronic system contains 1,000 semiconductor devices, and that it can tolerate 1%
system failures per month. The equation for the device failure is:
IGBT / CoPack
Quarterly Reliability Report
Page 5 of 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com