Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PC40UD Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4PC40UD
Description  Fit Rate / Equivalent Device Hours
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC40UD Datasheet(HTML) 6 Page - International Rectifier

Back Button IRG4PC40UD Datasheet HTML 2Page - International Rectifier IRG4PC40UD Datasheet HTML 3Page - International Rectifier IRG4PC40UD Datasheet HTML 4Page - International Rectifier IRG4PC40UD Datasheet HTML 5Page - International Rectifier IRG4PC40UD Datasheet HTML 6Page - International Rectifier IRG4PC40UD Datasheet HTML 7Page - International Rectifier IRG4PC40UD Datasheet HTML 8Page - International Rectifier IRG4PC40UD Datasheet HTML 9Page - International Rectifier IRG4PC40UD Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Using IGBT Reliability Information
Classic Bathtub Curve for failure rate of solid state devices
λ ( t )
Infant
Failures
Wearout
Failures
Random Failures
Log Time
Reliability is the probability that a semiconductor device will perform its
specified function in a given environment for a specified period of time.
Reliability is quality over time & environmental conditions.
Reliability can be defined as a probability of failure-free performance of a
required function, under a specified environment, for a given period of time.
The reliability of semiconductors has been extensively studied and the data
generated from these works is widely used in industry to estimate the
probabilities of system lifetimes. The reliability of a specific semiconductor
device is unique to the technology process used in fabrication and to the
external stress applied to the device.
In order to understand the reliability of specific product like the IGBT it is
useful to determine the failure rate associated with each environmental stress
that IGBT's encounter.
The values reported in this report are at a 60% upper confidence limit and the
equivalent device hours at state of working temperature of 90°C. It has been
shown that the failure rate of semiconductors in general. when followed for a
long period of time, exhibits what has been called a "Bathtub Curve" when
plotted against time for a given set of environmental conditions.
t
IGBT / CoPack
Quarterly Reliability Report
Page 6 of 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com