Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC4053AF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74VHC4053AF
Description  Analog Multiplexer/Demultiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC4053AF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC4053AF Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TC74VHC4051,4052,4053AF/FT/FK
2007-10-01
5
Electrical Characteristics
DC Electrical Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
⎯
⎯
1.5
⎯
3.0
2.0
⎯
⎯
2.0
⎯
4.5
3.15
⎯
⎯
3.15
⎯
High-level
VIH
⎯
5.5
3.85
⎯
⎯
3.85
⎯
2.0
⎯
⎯
0.5
⎯
0.5
3.0
⎯
⎯
0.8
⎯
0.8
4.5
⎯
⎯
1.35
⎯
1.35
Input voltage
Low-level
VIL
⎯
5.5
⎯
⎯
1.65
⎯
1.65
V
2.3
⎯
200
⎯
⎯
⎯
3.0
⎯
45
86
⎯
108
VIN = VIL or VIH
VI/O = VCC to GND
II/O = 2 mA
4.5
⎯
24
37
⎯
46
2.3
⎯
28
73
⎯
84
3.0
⎯
22
38
⎯
44
ON resistance
RON
VIN = VIL or VIH
VI/O = VCC or GND
II/O = 2 mA
4.5
⎯
17
27
⎯
31
Ω
2.3
⎯
10
25
⎯
35
3.0
⎯
5
15
⎯
20
Difference of ON
resistance between
switches
ΔRON
VIN = VIL or VIH
VI/O = VCC to GND
II/O = 2 mA
4.5
⎯
5
13
⎯
18
Ω
Input/Output leakage
current
(switch OFF)
IOFF
VOS = VCC or GND
VIS = GND to VCC
VIN = VIL or VIH
5.5
⎯
⎯
±0.1
⎯
±1.0
μA
Input/Output leakage
current
(switch ON, output open)
II/O
VOS = VCC or GND
VIN = VIL or VIH
5.5
⎯
⎯
±0.1
⎯
±1.0
μA
Control input current
IIN
VIN = VCC or GND
5.5
⎯
⎯
±0.1
⎯
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
⎯
⎯
2.0
⎯
20.0
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com