Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC4053AF Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74VHC4053AF
Description  Analog Multiplexer/Demultiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC4053AF Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74VHC4053AF Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 10Page - Toshiba Semiconductor TC74VHC4053AF Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TC74VHC4051,4052,4053AF/FT/FK
2007-10-01
7
Analog Switch Characteristics (Ta = 25°C) (Note)
Characteristics
Test Condition
VCC (V)
Typ.
Unit
VIN = 2.0 Vp-p
3.0
0.1
Sine Wave Distortion (T.H.D)
RL = 10 kΩ, CL = 50 pF,
fIN = 1 kHz
VIN = 4.0 Vp-p
4.5
0.03
%
4051A
150
4052A
200
4053A
3.0
240
4051A
180
4052A
230
Frequency response
(switch ON)
VIN is centered at (VCC/2).
Adjust input for 0dBm.
Increase fIN frequency until dB meter
reads
−3dB.
RL = 50 Ω, CL = 10 pF,sine wave
Figure 3
4053A
4.5
280
MHz
3.0
-45
VIN is centered at (VCC/2).
Adjust input for 0dBm.
RL = 600 Ω, CL = 50 pF, fIN = 1 MHz, sine wave
Figure 4
4.5
-45
3.0
-65
Feed through attenuation
(switch OFF)
RL = 50 Ω, CL = 10 pF, fIN = 1 MHz, sine wave
4.5
-65
dB
3.0
60
Crosstalk
(control input to signal output)
RL = 600 Ω, CL = 50 pF, fIN = 1 MHz, square wave
(tr = tf = 6 ns)
Figure 5
4.5
100
mV
3.0
-45
Crosstalk
(between any switches)
VIN is centered at (VCC/2). Adjust input for 0dBm.
RL = 600 Ω, CL = 50 pF, fIN = 1 MHz, sine wave
Figure 6
4.5
-45
dB
Note:
These characteristics are determined by design of devices.
Switch pin
Common pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com