Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOD Datasheet(PDF) 1 Page - Multicomp Pro

Part # MOD
Description  D-Sub Connector Module MOD Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MOD Datasheet(HTML) 1 Page - Multicomp Pro

  MOD Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
05/05/20
D-Sub Connector Module
MOD Series
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
D-Subminiature connector modules are used in industrial control as a connecting
interface between electronic and conventional components. They serve as the
signal conversion from D-Sub to screw connection. The D-Sub connector modules
provide user a convenient, quickly installed, and easily replaced input/output
platform for all common PLC’S.
The standard modules offer 9, 15, 25, 37 and 50 connections either in male or
female connector type to fit different application. Customer specified design will
be accepted for particular requirement. The modules can be mounted on standard
mounting rails TS15, TS32 and TS35.
Description
No of
Poles
Dimensions L × W × H
(±05 mm)
Part Number
TB, Interface, D-Sub 9P Plug, TB 10P
09
79 × 85.2 × 52
MOD-09-M
TB, Interface, D-Sub 15P Plug, TB 16P
15
79 × 85.2 × 52
MOD-15-M
TB, Interface, D-Sub 25P Plug, TB 26P
25
79 × 85.2 × 52
MOD-25-M
TB, Interface, D-Sub 37P Plug, TB 38P
37
113 × 85.2 × 52
MOD-37-M
TB, Interface, D-Sub 50P Plug, TB 51P
50
147 × 85.2 × 52
MOD-50-M
TB, Interface, D-Sub 9P RECPT, TB 10P
09
79 × 85.2 × 52
MOD-09-F
TB, Interface, D-Sub 15P RECPT, TB 15P
15
79 × 85.2 × 52
MOD-15-F
TB, Interface, D-Sub 25P RECPT, TB 25P
25
79 × 85.2 × 52
MOD-25-F
TB, Interface, D-Sub 37P RECPT, TB 37P
37
113 × 85.2 × 52
MOD-37-F
TB, Interface, D-Sub 50P RECPT, TB 51P
50
147 × 85.2 × 52
MOD-50-F
Part Number Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - MOD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOD-37-M ETC2-MOD-37-M Datasheet
940Kb / 1P
D-Sub Connector MOD Series
logo
AG Electronica
MOD-RGB AGELECTRONICA-MOD-RGB Datasheet
150Kb / 1P
Modulo Led RGB
08/11/2017
logo
FACOM. All rights reser...
MOD.U46CLPB FACOM-MOD.U46CLPB Datasheet
163Kb / 1P
Lubrication - filtration
logo
EMP-Centauri s.r.o.
MOD1 EMP-CENTAURI-MOD1 Datasheet
211Kb / 3P
HDMI / DVB-T modulator 1in / 1out
logo
Mobile Mark, Inc.
MOD12-2400-BLK MOBILEMARK-MOD12-2400-BLK Datasheet
293Kb / 1P
Omni-directional, High Vibration & Marine, 2.4 GHz
9/2018
More results

Similar Description - MOD

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MMI-10F GAMEWELL-FCI-MMI-10F Datasheet
88Kb / 2P
Multi-mod 10 input module
MMI-6SF GAMEWELL-FCI-MMI-6SF Datasheet
107Kb / 2P
Multi-Mod 6 zone interface module
MMO-6SF GAMEWELL-FCI-MMO-6SF Datasheet
84Kb / 2P
Multi-Mod 6 zone interface module
logo
List of Unclassifed Man...
MOD-37-M ETC2-MOD-37-M Datasheet
940Kb / 1P
D-Sub Connector MOD Series
logo
HARTING Technology Grou...
09-93-200-5476 HARTING-09-93-200-5476 Datasheet
450Kb / 2P
D-Sub F AWG 22-26 HMC contact Cat. 7 mod
logo
WAGO Kontakttechnik Gmb...
289-713 WAGO-289-713 Datasheet
373Kb / 5P
Interface module; HD-Sub-D; Female connector; 15-pole
289-714 WAGO-289-714 Datasheet
391Kb / 6P
Interface module; HD-Sub-D; Male connector; 15-pole
289-822 WAGO-289-822 Datasheet
222Kb / 4P
Interface module; HD-Sub-D; Male connector; 62-pole
logo
HARTING Technology Grou...
09-93-200-5576 HARTING-09-93-200-5576 Datasheet
450Kb / 2P
D-Sub M AWG 22-26 HMC contact Cat.7 mod
2021-10-01
logo
PHOENIX CONTACT
2701179 PHOENIX-2701179 Datasheet
58Kb / 3P
nanoLC module - NLC-MOD-RS232
11/05/2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com