Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

708 Datasheet(PDF) 6 Page - Curtis Instruments, Inc.

Part # 708
Description  SOLID STATE DIGITAL METER MODULES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CURTIS [Curtis Instruments, Inc.]
Direct Link  https://www.curtisinstruments.com/
Logo CURTIS - Curtis Instruments, Inc.

708 Datasheet(HTML) 6 Page - Curtis Instruments, Inc.

  708 Datasheet HTML 1Page - Curtis Instruments, Inc. 708 Datasheet HTML 2Page - Curtis Instruments, Inc. 708 Datasheet HTML 3Page - Curtis Instruments, Inc. 708 Datasheet HTML 4Page - Curtis Instruments, Inc. 708 Datasheet HTML 5Page - Curtis Instruments, Inc. 708 Datasheet HTML 6Page - Curtis Instruments, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
7 0 0 S E R I E S
Specifications subject to change without notice
50023 REV E 4 /04
©2004 Curtis Instruments, Inc.
W A R R A N T Y Two Year Limited Warranty (see terms of sale for specifics)
M O D U L E D I M E N S I O N S : M M
"L"
3.6
MAX COMP
HEIGHT
4.7
.8
14.0
R
P
I
N
32.0
28.0
2.0
COMPONENT SIDE
18.0
2.0
.80
TYP 4X
25.0
7.7
31.0
15.4
9.0
33.0
3.8
16.9
11.1
25.4
31.5
37.6
38.6
8.8 18.5
R
P
I
N
10.9
L
5.3
27.9
1.8
21.8
1.57
TYP 5X
1.6
MAX
COMP
HEIGHT
UNLESS OTHERWISE NOTED, ALL TOLERANCES ARE
± .25 mm
Models 700, 701, 703 - 5mm Displays
Models 700, 701, 703 - 7mm Displays
15.0
0.8
8.38
3.51
MAX
COMP
HEIGHT
0.80
TYP 4 PLACES
8.89
14.73
1.5
1.5
39.62
17.78
38.1
R
P
I
N
42.67
1.65
R.
TYP 2
PLACES
31
25.0
6.60
2.18
15.24
Model 720
MAX
COMP
HEIGHT
TOTAL TRIP
1.8
18.5
9.6 19.2
22.4
25.0
25.0
32.0
39.6
43.2
0.8
R1.8
TYP 5 PLACES
TYP 4 PLACES
1.9
0.8
3.6
8.4
Model 721 & 708
MODEL 720
M O D U L E W I R I N G G U I D E
Note: Standard pin lengths are shown. Optional lengths are available.
is a registered trademark of Curtis Instruments, Inc.
Pin IDs
Assignment
P (J2)
V+
N (J3)
V- (common)
I (J4)
Enable V+ to activate elapsed time (Optional on 701, 708, N/A on 700)
or increment count (703, 720, 721).
R (J5)
Reset V+ to reset count/elapsed time to zero (720, Optional on 700, 701, 703)
or resetable channel to zero (Models 708, 721).
L (J1)
Illumination Control - 12 VDC only (Optional, external backlight units only)
9-15 VDC absolute, regardless of operating voltage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com