Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

708 Datasheet(PDF) 1 Page - Curtis Instruments, Inc.

Part # 708
Description  SOLID STATE DIGITAL METER MODULES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CURTIS [Curtis Instruments, Inc.]
Direct Link  https://www.curtisinstruments.com/
Logo CURTIS - Curtis Instruments, Inc.

708 Datasheet(HTML) 1 Page - Curtis Instruments, Inc.

  708 Datasheet HTML 1Page - Curtis Instruments, Inc. 708 Datasheet HTML 2Page - Curtis Instruments, Inc. 708 Datasheet HTML 3Page - Curtis Instruments, Inc. 708 Datasheet HTML 4Page - Curtis Instruments, Inc. 708 Datasheet HTML 5Page - Curtis Instruments, Inc. 708 Datasheet HTML 6Page - Curtis Instruments, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S O L I D S T A T E D I G I T A L
M E T E R M O D U L E S
D E S C R I P T I O N
Curtis Solid-State Module Assemblies are designed for
OEM applications. Curtis offers a wide selection of min-
iature AC & DC meter assembly modules for PC board
mounting applications.
700 – 703: Single-function 6-digit display for Counter or
Hour Meter configurations.
708 & 721: Dual channel, 6 & 7-digit
display for Maintenance/Hour Meter or Trip Odometer
configurations.
720: Single channel 7-digit Odometer configuration.
7 0 0 S E R I E S
A P P L I C A T I O N S
These models offer a variety of functions, sizes, voltages
and customizable options to fit most applications. Ideal
for OEMs, contract manufacturers, and panel makers for
monitoring equipment usage, scheduling maintenance,
warranty validation, rental/leasing use and more. Used
extensively in industrial, agricultural, military & specialty
vehicles, as well as applications such as: vending
machines, medical & office equipment, fuel pumps, and
consumer products.
F E A T U R E S
• Selection - hour meters, counters, odometers, maintenance
monitors and more.
• Solid State Circuitry - no moving parts to wear out. Silent
operation and years of rugged & reliable operation.
• Precision - faster response, more precise and easier to
read than electromechanical meters.
• Crisp, clean readouts - high-contrast
5 & 7mm LCD displays.
• Versatility - compact module designs with high quality
components to minimize space.
• AC/DC Configurations - wide range of operating
voltages & noise protection.
• OEM Compatibility - an unparalleled selection of power
compatibility, design configurations and functionality
for OEM custom designs, panel makers and contract
manufacturers.
• Distinctive Icons - clear indicators for hour meter/timer
activation and display modes.
• Backlighting - available on all models (see model coding
chart or consult factory).
• Power-up LCD Function Test - displays all 8’s for 1 sec at
power-up (models 700-703 only).
• EEPROM memory – nonvolatile, retention of data for as
much as 25 yrs.+ without power.
• Manufactured under ISO 9001 Certified Quality
Management System
www.curtisinstruments.com
CURTIS INSTRUMENTS, (UK) LTD.
5 UPPER PRIORY STREET
NORTHAMPTON NN1 2PT, ENGLAND
TEL 44 (0) 1604-629755
FAX 44 (0) 1604-629876
CURTIS INSTRUMENTS, INC.
200 KISCO AVENUE
MT. KISCO, NY 10549 USA
TEL (914) 666-2971
FAX (914) 666-2188
CURTIS INSTRUMENTS INDIA
PRIVATE LTD.
1199, GHOLE ROAD
PUNE 411004, INDIA
TEL 91 (0) 20-5531288
FAX 91 (0) 20-5539192


Similar Part No. - 708

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
708 VISHAY-708 Datasheet
342Kb / 4P
(22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
logo
Enercon Technologies Eu...
708 ENERCON-708 Datasheet
741Kb / 2P
Compact, Portable IP67 Military Fast Ethernet Switch
logo
Keystone Electronics Co...
708 KEYSTONE-708 Datasheet
503Kb / 1P
THREADED MOUNTING BRACKETS
31-07 20th
logo
Walther-Werke
708 WALTHER-708 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Apex Electronics Co., L...
708-1 APEX-ELECTRONICS-708-1 Datasheet
506Kb / 3P
Toggle switches
More results

Similar Description - 708

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM-2000AB MURATA-DM-2000AB Datasheet
814Kb / 3P
Digital Panel Meter
logo
Communications & Power ...
K1414-35S-M CPI-K1414-35S-M Datasheet
906Kb / 2P
SOLID STATE HIGH POWER AMPLIFIER MODULES
logo
Advantech Co., Ltd.
DSA-2020SA ADVANTECH-DSA-2020SA Datasheet
385Kb / 2P
Solid-state Network Digital Signage Media Player
logo
List of Unclassifed Man...
083E ETC2-083E Datasheet
290Kb / 2P
All solid state construction, digital electronics
logo
Sirectifier Semiconduct...
S3SSAC70G16TB SIRECTIFIER-S3SSAC70G16TB Datasheet
129Kb / 4P
Three Phase Solid State AC Switch Modules
S3SSAC70G16B SIRECTIFIER-S3SSAC70G16B Datasheet
127Kb / 4P
Three Phase Solid State AC Switch Modules
logo
FOTEK CONTROLS CO., LTD...
AMA-24T-MV-RS-24V FOTEK-AMA-24T-MV-RS-24V Datasheet
643Kb / 2P
Digital meter
DA-24R-MV-24V FOTEK-DA-24R-MV-24V Datasheet
494Kb / 2P
Digital Meter
logo
Good Will Instrument Co...
GPM-8213 GWINSTEK-GPM-8213 Datasheet
2Mb / 2P
Digital Power Meter
logo
Omron Electronics LLC
H3CA OMRON-H3CA Datasheet
398Kb / 15P
Solid-State Digital Timer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com